Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL54217IRUZ-T Datasheet(PDF) 3 Page - Intersil Corporation |
|
ISL54217IRUZ-T Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 21 page 3 FN6817.3 May 4, 2009 Truth Table CURRENT CODE LAST CODE MODE SHUNT SWITCHES INTERNAL REGISTER C1 C0 C1 C0 CLICK/POP AUDIO SHUNTS 1k Ω COM SHUNTS 0 0 X X ALL SWITCHES OFF ON OFF 0 0 1 X X USB1 ON OFF 0 1000 USB2 ON OFF 0 1001 USB2 ON OFF 0 1010 USB2 ON OFF 0 1 1 X X AUDIO OFF OFF 1 1010 MUTE OFF ON 1 1011 MUTE OFF ON 1 NOTE: C0, C1: Logic “0” when ≤ 0.5V, Logic “1” when ≥ 1.4V with VDD in the range of 2.7V to 3.6V. Pin Descriptions PIN NUMBER NAME FUNCTION 1 2D+ USB2 Differential Input 2 L Audio Left Input 3 R Audio Right Input 4 1D- USB1 Differential Input 5 1D+ USB1 Differential Input 6 GND Ground Connection 7 COM+ Voice and Data Common Pin 8 COM- Voice and Data Common Pin 9 C1 Digital Control Input 10 C0 Digital Control Input 11 VDD Power Supply 12 2D- USB2 Differential Input Ordering Information PART NUMBER PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL54217IRUZ-T* (Note 2) GP -40 to +85 12 Ld 2.2mmx1.4mm µTQFN (Tape and Reel) L12.2.2x1.4A ISL54217IRTZ (Note 3) 4217 -40 to +85 12 Ld 3mmx3mm TQFN L12.3x3A ISL54217IRTZ-T* (Note 3) 4217 -40 to +85 12 Ld 3mmx3mm TQFN (Tape and Reel) L12.3x3A ISL54217EVAL1Z Evaluation Board *Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. ISL54217 |
Número de pieza similar - ISL54217IRUZ-T |
|
Descripción similar - ISL54217IRUZ-T |