Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLD333V Datasheet(PDF) 4 Page - Sony Corporation

No. de pieza SLD333V
Descripción Electrónicos  1W High Power Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD333V Datasheet(HTML) 4 Page - Sony Corporation

  SLD333V Datasheet HTML 1Page - Sony Corporation SLD333V Datasheet HTML 2Page - Sony Corporation SLD333V Datasheet HTML 3Page - Sony Corporation SLD333V Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
– 4 –
SLD333V
Sony Corporation
Package Outline
Unit: mm
M-248 (LO-11)
Reference
Slot
1.0
Photo
Diode
2
3
1
Window
Glass
Reference
Plane
LD Chip
φ9.0 – 0.015
0
φ7.7 MAX
φ6.9 MAX
φ3.5
3 –
φ0.45
PCD
φ2.54
∗Optical
Distance = 2.55 ± 0.05
SONY CODE
EIAJ CODE
JEDEC CODE
M-248
PACKAGE MASS
1.2g


Número de pieza similar - SLD333V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
SLD332F SONY-SLD332F Datasheet
89Kb / 5P
   1W High Power Laser Diode
SLD334YT SONY-SLD334YT Datasheet
61Kb / 4P
   2W High Power Laser Diode
SLD335F SONY-SLD335F Datasheet
149Kb / 5P
   5W High Power Laser Diode
SLD335YT SONY-SLD335YT Datasheet
60Kb / 4P
   4W High Power Laser Diode
More results

Descripción similar - SLD333V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
SLD332F SONY-SLD332F Datasheet
89Kb / 5P
   1W High Power Laser Diode
SLD323XT SONY-SLD323XT Datasheet
96Kb / 7P
   1W High Power Laser Diode
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
   High-Power Density 1W Laser Diode
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
   High Power Density 1W Laser Diode
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com