Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3796N Datasheet(PDF) 8 Page - Sony Corporation

No. de pieza CXA3796N
Descripción Electrónicos  Digital CCD Camera Head Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3796N Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA3796N Datasheet HTML 4Page - Sony Corporation CXA3796N Datasheet HTML 5Page - Sony Corporation CXA3796N Datasheet HTML 6Page - Sony Corporation CXA3796N Datasheet HTML 7Page - Sony Corporation CXA3796N Datasheet HTML 8Page - Sony Corporation CXA3796N Datasheet HTML 9Page - Sony Corporation CXA3796N Datasheet HTML 10Page - Sony Corporation CXA3796N Datasheet HTML 11Page - Sony Corporation CXA3796N Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CXA3796N
- 8 -
Electrical Characteristics
(Ta = 25°C, VCC1, 2, 3 = 3.3V)
Item
Symbol
Conditions
Min. Typ. Max. Unit
Current
consumption
VCC = 3.3V
IDC
VAGCCONT = 1.65V, open between VRT and VRB
MAXGAIN = OPEN, GAINSHIFT = VCC
ICONT = 3.3V, SHP, SHD = Duty75% (H:L = 3:1)
33 45.7 65.6
mA
VCC = 3.0V
IDC30
VAGCCONT = 1.5V, open between VRT and VRB
MAXGAIN = OPEN, GAINSHIFT = VCC
ICONT = 3.0V, SHP, SHD = Duty75% (H:L = 3:1)
29.5 41.3 59
AGC
MAXGAIN1 A CONT max.1
DIN = 1
μs, 15 mVp-p pulse
VAGCCONT = 3.0V, ICONT = 3.3V
MAXGAIN = VCC, GAINSHIFT = VCC
31
34
37
dB
MAXGAIN2 A CONT max.2
DIN = 1
μs, 20 mVp-p pulse
VAGCCONT = 3.0V, ICONT = 3.3V
MAXGAIN = GND, GAINSHIFT = VCC
27
30
33
MAXGAIN3 A CONT max.3
DIN = 1
μs, 30 mVp-p pulse
VAGCCONT = 3.0V, ICONT = 3.3V
MAXGAIN = OPEN, GAINSHIFT = VCC
23
26
29
GAINSHIFT1 A CONT min.1
DIN = 1
μs, 500 mVp-p pulse
VAGCCONT = 1.65V, ICONT = 3.3V
MAXGAIN = OPEN, GAINSHIFT = VCC
—–0.8 1.4
GAINSHIFT2 A CONT min.2
DIN = 1
μs, 500 mVp-p pulse
VAGCCONT = 1.65V, ICONT = 3.3V
MAXGAIN = OPEN, GAINSHIFT = OPEN
—–3.6 –1
GAINSHIFT3 A CONT min.3
DIN = 1
μs, 500 mVp-p pulse
VAGCCONT = 1.65V, ICONT = 3.3V
MAXGAIN = OPEN, GAINSHIFT = GND
–6.5 –3.5
Gain variable
width 1
AGC G1
A CONT max.1 – A CONT min.1
29.6 34.8
Gain variable
width 2
AGC G2
A CONT max.2 – A CONT min.1
25.6 30.8
Gain variable
width 3
AGC G3
A CONT max.3 – A CONT min.1
21.6 26.8
Gain variable
width 4
AGC G4
A CONT max.1 – A CONT min.2
32 37.6
Gain variable
width 5
AGC G5
A CONT max.2 – A CONT min.2
28 33.6
Gain variable
width 6
AGC G6
A CONT max.3 – A CONT min.2
24 29.6
Gain variable
width 7
AGC G7
A CONT max.1 – A CONT min.3
34.5 40.5
Gain variable
width 8
AGC G8
A CONT max.2 – A CONT min.3
30.5 36.5
Gain variable
width 9
AGC G9
A CONT max.3 – A CONT min.3
26.5 32.5


Número de pieza similar - CXA3796N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
More results

Descripción similar - CXA3796N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA2056Q SONY-CXA2056Q Datasheet
361Kb / 24P
   Digital CCD Camera Head Amplifier
CXA2096N SONY-CXA2096N Datasheet
290Kb / 16P
   Digital CCD Camera Head Amplifier
CXA2006Q SONY-CXA2006Q Datasheet
341Kb / 23P
   Digital CCD Camera Head Amplifier
logo
Hamamatsu Corporation
C4880-91 HAMAMATSU-C4880-91 Datasheet
98Kb / 2P
   Digital CCD Camera
C4880-50 HAMAMATSU-C4880-50 Datasheet
119Kb / 2P
   Digital CCD Camera
C4880-20 HAMAMATSU-C4880-20 Datasheet
120Kb / 2P
   Digital CCD Camera
C4880-21 HAMAMATSU-C4880-21 Datasheet
119Kb / 2P
   Digital CCD Camera
logo
Sony Corporation
CXA1690Q SONY-CXA1690Q Datasheet
284Kb / 18P
   Head Amplifier for Digital CCD Cameras
logo
Hamamatsu Corporation
C7300-10 HAMAMATSU-C7300-10 Datasheet
74Kb / 2P
   High Performance Digital CCD Camera
C8000-10 HAMAMATSU-C8000-10 Datasheet
66Kb / 2P
   BT(Back-thinned)-CCD Digital Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com