Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3785R Datasheet(PDF) 7 Page - Sony Corporation

No. de pieza CXA3785R
Descripción Electrónicos  Audio Driver for TV
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3785R Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA3785R Datasheet HTML 3Page - Sony Corporation CXA3785R Datasheet HTML 4Page - Sony Corporation CXA3785R Datasheet HTML 5Page - Sony Corporation CXA3785R Datasheet HTML 6Page - Sony Corporation CXA3785R Datasheet HTML 7Page - Sony Corporation CXA3785R Datasheet HTML 8Page - Sony Corporation CXA3785R Datasheet HTML 9Page - Sony Corporation CXA3785R Datasheet HTML 10Page - Sony Corporation CXA3785R Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
CXA3785R
- 7 -
10
11
16
17
AMP1INL_N
AMP1INL_P
AMP1INR_N
AMP1INR_P
13
15
AMP1OUTL
AMP1OUTR
18
22
AMP2INL
AMP2INR
19
21
AMP2OUTL
AMP2OUTR
Pin
Symbol
Equivalent circuit
VCC_AMP1
VCC_AMP1
VCC_AMP1
GND_HP
VCC_HP
20k
Ω 20kΩ 20kΩ
20k
Ω 20kΩ 20kΩ
28pF
28pF
3pF
3pF
2.5k
Ω
2.5k
Ω
20pF
20pF
30k
Ω
30k
Ω
REF
GND_AMP1
GND_AMP1
11
17
10
16
13
15
GND_AMP1
GND_AMP1
GND_AMP1
GND_AMP1
20
Ω
10pF
10pF
10pF
10pF
VCC_AMP1
VCC_AMP1
VCC_AMP1
1k
Ω
1k
Ω
1k
Ω
1k
Ω
REF
50pF
40k
Ω
18k
Ω
GND_AMP2
VCC_AMP2
VCC_AMP2
REF
60k
Ω
18
22
GND_AMP2
GND_AMP2
GND_AMP2
VCC_AMP2
VCC_AMP2
VCC_AMP2
10pF
10pF
10pF
10pF
1k
Ω
1k
Ω
1k
Ω
1k
Ω
REF
50pF
40k
Ω
18k
Ω
19
21


Número de pieza similar - CXA3785R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3741AUR SONY-CXA3741AUR Datasheet
252Kb / 15P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
   Digital CCD Camera Head Amplifier
More results

Descripción similar - CXA3785R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Princeton Technology Co...
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
logo
Rohm
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
   Audio sound processor for TV
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
logo
Sanyo Semicon Device
LA7953 SANYO-LA7953 Datasheet
166Kb / 7P
   Audio Controller for TV Use
logo
Analog Devices
ADAV4601 AD-ADAV4601 Datasheet
1Mb / 60P
   Audio Processor for Advanced TV
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
   Digital Audio Processor for TV
logo
Rohm
BD3884FS ROHM-BD3884FS Datasheet
184Kb / 6P
   Audio sound processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com