Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXM3560XR Datasheet(PDF) 6 Page - Sony Corporation

No. de pieza CXM3560XR
Descripción Electrónicos  SP10T Antenna Switch for GSM/UMTS Dual Mode Handsets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXM3560XR Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXM3560XR Datasheet HTML 2Page - Sony Corporation CXM3560XR Datasheet HTML 3Page - Sony Corporation CXM3560XR Datasheet HTML 4Page - Sony Corporation CXM3560XR Datasheet HTML 5Page - Sony Corporation CXM3560XR Datasheet HTML 6Page - Sony Corporation CXM3560XR Datasheet HTML 7Page - Sony Corporation CXM3560XR Datasheet HTML 8Page - Sony Corporation CXM3560XR Datasheet HTML 9Page - Sony Corporation CXM3560XR Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CXM3560XR
- 6 -
Specification 1
(Ta = 25°C, VDD = 2.5V, Vctl = 1.5V)
Item
Symbol
Port
Condition
Min.
Typ.
Max.
Unit
Insertion loss
IL
Ant-Tx1
*1
—0.30
0.45
dB
Ant-Tx2
*2
—0.45
0.60
Ant-Rx1
*3
—0.75
0.90
*4
—1.00
1.15
Ant-Rx2
*3
—0.75
0.90
*4
—1.00
1.15
Ant-Rx3
*3
—0.75
0.90
*4
—1.00
1.15
Ant-Rx4
*3
—0.75
0.90
*4
—1.00
1.15
Ant-TRx1
*5
—0.55
0.70
*6
—0.60
0.75
Ant-TRx2
*5
—0.60
0.75
*6
—0.68
0.83
*7
—0.45
0.60
*8
—0.45
0.60
*9
—0.57
0.72
*10
—0.60
0.75
Ant-TRx3
*7
—0.45
0.60
*8
—0.45
0.60
*9
—0.60
0.75
*10
—0.62
0.77
Ant-TRx4
*7
—0.40
0.55
*8
—0.40
0.55
*9
—0.65
0.80
*10
—0.66
0.81
VSWR
VSWR
All ports in Active Paths
824 to 2170MHz
1.20
Harmonics
2fo
Tx1-Ant
*1
–50
–36
dBm
3fo
–40
–35
2fo
Tx2-Ant
*2
–45
–36
3fo
–40
–33
2fo
TRx1-Ant
*5
–55
–39
3fo
–54
–39
2fo
TRx2-Ant
*7
,*9
–65
–39
3fo
–58
–39
2fo
TRx3-Ant
*7
,*9
–65
–39
3fo
–58
–39
2fo
TRx4-Ant
*7
–65
–39
3fo
–58
–39


Número de pieza similar - CXM3560XR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXM3513ER SONY-CXM3513ER Datasheet
183Kb / 7P
   High Power DP3T Switch with Logic Control
CXM3517BER SONY-CXM3517BER Datasheet
227Kb / 10P
   SP7T Antenna Switch Module for GSM and UMTS or CDMA Dual Mode Handset
CXM3519ER SONY-CXM3519ER Datasheet
320Kb / 19P
   SP9T/10T Antenna Switch Module for GSM and UMTS/CDMA Dual Mode Handset
CXM3520BER SONY-CXM3520BER Datasheet
272Kb / 15P
   SP10T Antenna Switch Module for GSM and UMTS/CDMA Multi Mode Handset
More results

Descripción similar - CXM3560XR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXM3539XR SONY-CXM3539XR Datasheet
253Kb / 12P
   SP8T Antenna Switch for GSM/UMTS Dual Mode Handsets
CXM3520BER SONY-CXM3520BER Datasheet
272Kb / 15P
   SP10T Antenna Switch Module for GSM and UMTS/CDMA Multi Mode Handset
CXM3529XR SONY-CXM3529XR Datasheet
203Kb / 10P
   SP9T Antenna Switch for GSM/UMTS Dual Mode
CXG1198AEQ SONY-CXG1198AEQ Datasheet
143Kb / 11P
   SP8T GSM/UMTS Dual Mode Antenna Switch
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXG1230EQ SONY-CXG1230EQ Datasheet
213Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXM3543AER SONY-CXM3543AER Datasheet
306Kb / 26P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3524ER SONY-CXM3524ER Datasheet
301Kb / 29P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3525ER SONY-CXM3525ER Datasheet
278Kb / 14P
   DP10T Antenna Switch Module for GSM/UMTS Dual Mode Phones
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
   SP4T Antenna Switch for GSM/UMTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com