Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6115AIBZ-T Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL6115AIBZ-T
Descripción Electrónicos  12V Power Distribution Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6115AIBZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6115AIBZ-T Datasheet HTML 2Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 9Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FN6855.0
February 25, 2009
FIGURE 6. UV THRESHOLD
FIGURE 7. GATE CHARGE CURRENT
FIGURE 8. POWER-ON RESET VOLTAGE THRESHOLD
FIGURE 9. GATE VOLTAGE vs BIAS and TEMPERATURE
FIGURE 10. ISL6115A TURN-ON
FIGURE 11. ISL6115A TURN-OFF
Typical Performance Curves (Continued)
9.60
9.65
9.70
9.75
9.80
-40
0
25
70
85
125
TEMPERATURE (°C)
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
-40
0
25
70
85
125
TEMPERATURE (°C)
7.5
7.6
7.7
7.8
7.9
8.0
8.1
8.2
8.3
-40
0
25
70
85
125
TEMPERATURE (°C)
VDD LO TO HI
VDD HI TO LO
13
14
15
16
17
18
19
20
21
22
9
101112
13
14
15
BIAS VOLTAGE (V)
+85°C
+25°C
-40°C
PWRON
VOUT
GATE
PGOOD
PWRON
GATE
PGOOD
VOUT
ISL6115A


Número de pieza similar - ISL6115AIBZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6115AIBZ-T INTERSIL-ISL6115AIBZ-T Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115AIBZ-T RENESAS-ISL6115AIBZ-T Datasheet
503Kb / 10P
   12V Power Distribution Controllers
More results

Descripción similar - ISL6115AIBZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115A RENESAS-ISL6115A Datasheet
503Kb / 10P
   12V Power Distribution Controllers
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com