Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STAR1000 Datasheet(PDF) 11 Page - Cypress Semiconductor

No. de pieza STAR1000
Descripción Electrónicos  1M Pixel Radiation Hard CMOS Image Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button STAR1000 Datasheet HTML 7Page - Cypress Semiconductor STAR1000 Datasheet HTML 8Page - Cypress Semiconductor STAR1000 Datasheet HTML 9Page - Cypress Semiconductor STAR1000 Datasheet HTML 10Page - Cypress Semiconductor STAR1000 Datasheet HTML 11Page - Cypress Semiconductor STAR1000 Datasheet HTML 12Page - Cypress Semiconductor STAR1000 Datasheet HTML 13Page - Cypress Semiconductor STAR1000 Datasheet HTML 14Page - Cypress Semiconductor STAR1000 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
STAR1000
Document Number: 38-05714 Rev. *C
Page 11 of 21
Figure 6. Column Selection and Read Out Sequence
X1
X6
X5
X7
X8
X4
X3
X2
b
a
c
X4
X3
X2
X1
X1
X2
X3
X4
X5
X6
A0......A9
LD_X
CLK_X
ANALOG
OUTPUT
CLK_ADC
D9......D0
Undefined Output Level
Row Idle Time
Table 7. Timing Constraints of Column Read Out
Symbol
Min
Typ
Description
a
20 ns
Address setup time.
b
40 ns
Address valid time.
c
0
20 ns
ADC output valid after falling edge of CLK_ADC.
[+] Feedback


Número de pieza similar - STAR1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
STAR1000 CYPRESS-STAR1000 Datasheet
634Kb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000 Datasheet
1,009Kb / 24P
   1M Pixel Radiation Hard CMOS Image Sensor
STAR1000-BK7 CYPRESS-STAR1000-BK7 Datasheet
634Kb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000_11 Datasheet
1,009Kb / 24P
   1M Pixel Radiation Hard CMOS Image Sensor
More results

Descripción similar - STAR1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
STAR1000 CYPRESS-STAR1000_11 Datasheet
1,009Kb / 24P
   1M Pixel Radiation Hard CMOS Image Sensor
CYIS1SM1000AA-HQC CYPRESS-CYIS1SM1000AA-HQC Datasheet
634Kb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA Datasheet
469Kb / 24P
   250K Pixel Radiation Hard CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM1000S-HHC ONSEMI-NOIS1SM1000S-HHC Datasheet
690Kb / 37P
   STAR1000 1M Pixel Radiation Hard CMOS
February, 2014 ??Rev. 13
logo
Cypress Semiconductor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA_09 Datasheet
797Kb / 21P
   CYIS1SM0250-AA STAR250 250K Pixel Radiation Hard CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM0250A ONSEMI-NOIS1SM0250A_17 Datasheet
453Kb / 24P
   Pixel Radiation Tolerant CMOS Image Sensor
January, 2017 ??Rev. 11
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
CYIL1SM4000AA-GDC CYPRESS-CYIL1SM4000AA-GDC Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
LUPA-4000 CYPRESS-LUPA-4000 Datasheet
1Mb / 49P
   4M Pixel CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM0250A ONSEMI-NOIS1SM0250A Datasheet
474Kb / 25P
   Radiation Tolerant CMOS Image Sensor
January, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com