Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK12C68-SF25 Datasheet(PDF) 8 Page - Cypress Semiconductor

No. de pieza STK12C68-SF25
Descripción Electrónicos  64 Kbit (8K x 8) AutoStore nvSRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68-SF25 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button STK12C68-SF25 Datasheet HTML 4Page - Cypress Semiconductor STK12C68-SF25 Datasheet HTML 5Page - Cypress Semiconductor STK12C68-SF25 Datasheet HTML 6Page - Cypress Semiconductor STK12C68-SF25 Datasheet HTML 7Page - Cypress Semiconductor STK12C68-SF25 Datasheet HTML 8Page - Cypress Semiconductor STK12C68-SF25 Datasheet HTML 9Page - Cypress Semiconductor STK12C68-SF25 Datasheet HTML 10Page - Cypress Semiconductor STK12C68-SF25 Datasheet HTML 11Page - Cypress Semiconductor STK12C68-SF25 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
STK12C68
Document Number: 001-51027 Rev. **
Page 8 of 20
Data Retention and Endurance
Parameter
Description
Min
Unit
DATAR
Data Retention
100
Years
NVC
Nonvolatile STORE Operations
1,000
K
Capacitance
In the following table, the capacitance parameters are listed.[6]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 0 to 3.0 V
8pF
COUT
Output Capacitance
7pF
Thermal Resistance
In the following table, the thermal resistance parameters are listed.[6]
Parameter
Description
Test Conditions
28-SOIC
28-PDIP
(300 mil)
28-PDIP
(600 mil)
28-CDIP
28-LCC
Unit
Θ
JA
Thermal Resis-
tance
(Junction to
Ambient)
Test conditions follow
standard test methods and
procedures for measuring
thermal impedance, per EIA /
JESD51.
46.55
45.16
55.84
46.1
95.31
°C/W
Θ
JC
Thermal Resis-
tance
(Junction to Case)
27.95
31.62
25.74
5.01
9.01
°C/W
Figure 6. AC Test Loads
AC Test Conditions
5.0V
Output
30 pF
R1 963
Ω
R2
512
Ω
5.0V
Output
5 pF
R1 963
Ω
R2
512
Ω
For Tri-state Specs
Input Pulse Levels .................................................. 0 V to 3 V
Input Rise and Fall Times (10% to 90%) ...................... <5 ns
Input and Output Timing Reference Levels .......................1.5
Note
6. These parameters are guaranteed by design and are not tested.
[+] Feedback


Número de pieza similar - STK12C68-SF25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK12C68-SF25 ETC-STK12C68-SF25 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK12C68-SF25 SIMTEK-STK12C68-SF25 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK12C68-SF25 CYPRESS-STK12C68-SF25 Datasheet
1Mb / 24P
   64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
logo
List of Unclassifed Man...
STK12C68-SF25I ETC-STK12C68-SF25I Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK12C68-SF25I SIMTEK-STK12C68-SF25I Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
More results

Descripción similar - STK12C68-SF25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com