Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BDX54B Datasheet(PDF) 5 Page - Motorola, Inc

No. de pieza BDX54B
Descripción Electrónicos  Plastic Medium-Power Complementary Silicon Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BDX54B Datasheet(HTML) 5 Page - Motorola, Inc

  BDX54B Datasheet HTML 1Page - Motorola, Inc BDX54B Datasheet HTML 2Page - Motorola, Inc BDX54B Datasheet HTML 3Page - Motorola, Inc BDX54B Datasheet HTML 4Page - Motorola, Inc BDX54B Datasheet HTML 5Page - Motorola, Inc BDX54B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BDX53B BDX53C BDX54B BDX54C
5
Motorola Bipolar Power Transistor Device Data
+ 5.0
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.1
0.2 0.3
1.0
2.0 3.0
5.0
7.0
10
– 55 to 150
°C
+ 4.0
+ 3.0
+ 1.0
0
– 4.0
– 1.0
– 2.0
– 3.0
– 5.0
θVB for VBE
*
θVC for VCE(sat)
– 55
°C to 25°C
25
°C to 150°C
25
°C to 150°C
*IC/IB v hFE/3
0.5 0.7
+ 2.0
NPN
BDX53B, BDX53C
PNP
BDX54B, BDX54C
+ 5.0
IC, COLLECTOR CURRENT (AMP)
0.1
0.2 0.3
1.0
2.0 3.0
5.0
7.0
10
– 55 to 150
°C
+ 4.0
+ 3.0
+ 1.0
0
– 4.0
– 1.0
– 2.0
– 3.0
– 5.0
θVB for VBE
*
θVC for VCE(sat)
– 55
°C to 25°C
25
°C to 150°C
25
°C to 150°C
*IC/IB v hFE/3
0.5 0.7
+ 2.0
Figure 12. Collector Cut–Off Region
105
VBE, BASE-EMITTER VOLTAGE (VOLTS)
102
101
100
10– 1
+ 0.2 + 0.4
0
– 0.2
– 0.4
– 0.6
VCE = 30 V
REVERSE
FORWARD
103
104
+ 0.6 + 0.8
+ 1.0 + 1.2 + 1.4
TJ = 150°C
100
°C
25
°C
105
VBE, BASE-EMITTER VOLTAGE (VOLTS)
102
101
100
10– 1
– 0.2 – 0.4
0
+ 0.2
+ 0.4
+ 0.6
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
103
104
– 0.6 – 0.8 – 1.0 – 1.2 – 1.4
Figure 13. Darlington Schematic
NPN
BDX53B
BDX53C
PNP
BDX54B
BDX54C
BASE
COLLECTOR
EMITTER
[ 8.0 k
[ 120
BASE
COLLECTOR
EMITTER
[ 8.0 k
[ 120


Número de pieza similar - BDX54B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
BDX54B MOSPEC-BDX54B Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
ON Semiconductor
BDX54B ONSEMI-BDX54B Datasheet
106Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2007 - Rev. 13
BDX54B ONSEMI-BDX54B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
logo
List of Unclassifed Man...
BDX54B ETC-BDX54B Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
Power Innovations Ltd
BDX54B POINN-BDX54B Datasheet
153Kb / 6P
   PNP SILICON POWER DARLINGTONS
More results

Descripción similar - BDX54B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
BDX53B ONSEMI-BDX53B_06 Datasheet
87Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com