Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDH45-561K Datasheet(PDF) 9 Page - PREMO CORPORATION S.L

No. de pieza CDH45-561K
Descripción Electrónicos  SMD Power Inductors Unshielded
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PREMO [PREMO CORPORATION S.L]
Página de inicio  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CDH45-561K Datasheet(HTML) 9 Page - PREMO CORPORATION S.L

Back Button CDH45-561K Datasheet HTML 3Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 4Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 5Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 6Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 7Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 8Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 9Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 10Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 11Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CDH3216 , CDH32 , CDH3225 ,
CDH3226 , CDH45 , CDH45A &
CDH45B
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
9
P
4mm
End
Start
Leader
Components
Trailer
no component
no component
Q min.
400 mm min.
User direction of feed
(CDH3216, CDH32, CDH3225, CDH3226 à P = 4mm) (CDH45, CDH45A, CDH45B à P = 8mm)
(CDH3216, CDH3226 à Q = 160mm) (CDH32, CDH3225, CDH45, CDH45A, CDH45B à Q = 200mm)
CDH3216, CDH32, CDH3225 & CDH3226
Dimensions [mm]
Style
A
B
C
D
G
N
T
07 – 08
178
21±0.8
13
8
10+0
50-0
12.5
CDH45, CDH45A & CDH45B
Dimensions [mm]
Style
A
B
C
D
G
N
T
07 – 12
178
21±0.8
13
12
14+0
50-0
16.5
13 – 12
330
21±0.8
13±0.5
12
14+0
50-0
18.4
Inner : Reel
Outer : Carton
Series
Q’TY(pcs)
G.W.(gw)
Style
Q’TY(pcs)
G.W.(Kg)
Size(cm)
CDH3216
2,000
80
07 – 08
100,000
7.50
42 x 41 x 24
CDH32
2,000
220
07 – 08
100,000
15.0
42 x 41 x 24
CDH3225
2,000
220
07 – 08
100,000
15.0
42 x 41 x 24
CDH3226
2,000
220
07 – 08
100,000
15.0
42 x 41 x 24
CDH45
500
130
07 – 12
20,000
7.20
42 x 41 x 24
CDH45
2,000
540
13 – 12
16,000
6.50
40 x 40 x 24
CDH45A
500
130
07 – 12
20,000
7.20
42 x 41 x 24
CDH45A
2,000
540
13 – 12
16,000
6.50
40 x 40 x 24
CDH45B
500
130
07 – 12
20,000
7.20
42 x 41 x 24
CDH45B
2,000
540
13 – 12
16,000
6.50
40 x 40 x 24


Número de pieza similar - CDH45-561K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDH40D11 SUMIDA-CDH40D11 Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-100M SUMIDA-CDH40D11SMBNP-100M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-120M SUMIDA-CDH40D11SMBNP-120M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-150M SUMIDA-CDH40D11SMBNP-150M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-180M SUMIDA-CDH40D11SMBNP-180M Datasheet
140Kb / 2P
   Power Inductors
More results

Descripción similar - CDH45-561K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com