Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDH45-561K Datasheet(PDF) 10 Page - PREMO CORPORATION S.L

No. de pieza CDH45-561K
Descripción Electrónicos  SMD Power Inductors Unshielded
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PREMO [PREMO CORPORATION S.L]
Página de inicio  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CDH45-561K Datasheet(HTML) 10 Page - PREMO CORPORATION S.L

Back Button CDH45-561K Datasheet HTML 3Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 4Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 5Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 6Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 7Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 8Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 9Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 10Page - PREMO CORPORATION S.L CDH45-561K Datasheet HTML 11Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CDH3216 , CDH32 , CDH3225 ,
CDH3226 , CDH45 , CDH45A &
CDH45B
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
10
8. Labelling
9. Reliability Test
Test item
Specification
Test condition
Solderability
More than 90% of the
terminal electrode
shall be covered
with fresh solder
Preheat : 150±25% for 60 seconds
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
Solder temp. : 235±5ºC
Flux : Rosin
Dip time : 4±1 seconds
Thermal shock test
(Temp. cycle)
Room temp.
-25±2ºC
15 minutes
30 minutes
Room temp.
85±2ºC
15 minutes
30 minutes
Total : 50 cycles
Humidity
Resistance test
Temperature : 40±2ºC
Humidity : 90 ~ 95%
Applied current : Per specifications
Time : 500 hours
High temp.
Resistance test
Inductance shall
not change more
than ±10%
Temperature : 105±2ºC
Applied current : Per specifications
Time : 500 hours
10. Edition Control
Edition
Date
Change description
Made by
1st
31/08/06
Update Specification
Pablo Pozo


Número de pieza similar - CDH45-561K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDH40D11 SUMIDA-CDH40D11 Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-100M SUMIDA-CDH40D11SMBNP-100M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-120M SUMIDA-CDH40D11SMBNP-120M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-150M SUMIDA-CDH40D11SMBNP-150M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-180M SUMIDA-CDH40D11SMBNP-180M Datasheet
140Kb / 2P
   Power Inductors
More results

Descripción similar - CDH45-561K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com