Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJ15024 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza MJ15024
Descripción Electrónicos  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MJ15024 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MJ15024 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MJ15024 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MJ15024 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MJ15024 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
MJ15022 MJ15024
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
MJ15022
200
VCEO(SUS)
Collector-emitter
sustaining voltage
MJ15024
IC=0.1A ;IB=0
250
V
VCEsat-1
Collector-emitter saturation voltage
IC=8A; IB=0.8A
1.4
V
VCEsat-2
Collector-emitter saturation voltage
IC=16A; IB=3.2A
4.0
V
VBE
Base-emitter on voltage
IC=8A ; VCE=4V
2.2
V
MJ15022
VCE=150V; IB=0
ICEO
Collector cut-off current
MJ15024
VCE=200V; IB=0
0.5
mA
MJ15022
VCE=200V; VBE(off)=1.5V
ICEX
Collector cut-off current
MJ15024
VCE=250V; VBE(off)=1.5V
0.25
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
0.5
mA
hFE-1
DC current gain
IC=8A ; VCE=4V
15
60
hFE-2
DC current gain
IC=16A ; VCE=4V
5
Is/b
Second breakdown collector current
With base forward biased
VCE=50Vdc,t=0.5 s,
VCE=80Vdc,t=0.5 s,
Nonrepetitive
5.0
2.0
A
COB
Output capacitance
IE=0 ; VCB=10V;f=1.0MHz
500
pF
fT
Transition frequency
IC=1A ; VCE=10V;f=1.0MHz
4
MHz


Número de pieza similar - MJ15024

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
MJ15024 MOSPEC-MJ15024 Datasheet
153Kb / 3P
   POWER TRANSISTOR(16A,200-250V,250W)
logo
Motorola, Inc
MJ15024 MOTOROLA-MJ15024 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
ON Semiconductor
MJ15024 ONSEMI-MJ15024 Datasheet
153Kb / 4P
   SILICON POWER TRANSISTORS
1995 REV 7
logo
Wing Shing Computer Com...
MJ15024 WINGS-MJ15024 Datasheet
64Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(for AUDIO POWER AMPLIFIER, DC TO DC CONVERTER)
logo
ON Semiconductor
MJ15024 ONSEMI-MJ15024 Datasheet
73Kb / 4P
   Silicon Power Transistors
February, 2006 ??Rev. 10
More results

Descripción similar - MJ15024

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com