Nombre de pieza
         Descripción
B5-435-TL

 Super bright LED Lamp ( 3 Page)


ROITHNER
100% 
Zoom Out Zoom In
   
 3 page
background image
ROITHNER LASERTECHNIK
B5-435-TL
Schoenbrunner Strasse 7, Vienna, Austria, Tel.: +43-1-586 52 43 – 0 Fax.: +43-1-586 52 43 44
office@roithner-laser.com, http://www.roithner-laser.com
REV.2001/1/24
3 / 3
TYPICAL OPTICAL-ELECTRICAL CHARACTERISTIC CURVES
0.1
0.7
0.6
0.5
0.8
0.4
0.3
0.2
1.0
0.9
90°
80°
70°
60°
50°
40°
30°
20°
10°
λ - Wavclength (nm)
0
20
40
60
80
100
610 620 630 640 650 660 670 680
RADIATION DIAGRAM
RELATIVE LUMINOUS INTENSITY
Vs. WAVELENGTH
Ambient Temperature -TA( )
-30
1.0
0.5
0.2
0.1
70
50
30
10
-10
2.0
0
Ambient Temperature -TA( )
0
40
30
20
10
100
80
60
40
20
50
0
LUMINOUS INTENSITY
Vs. AMBIENT TEMPERATURE
FORWARD CURRENT
Vs. AMBIENT TEMPERATURE
1.2
40
30
20
10
3.0
2.8
2.4
2.0
1.6
50
0
ForwardVoltage -VF (V)
Forward Current-IF(mA)
4.0
3.0
2.0
1.0
50
40
30
20
10
5.0
0
FORWARD CURRENT
Vs. FORWARD VOLTAGE
LUMINOUS INTENSITY
Vs. FORWARD CURRENT
1  2  3 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl