Nombre de pieza
         Descripción
B5-435-TL

 Super bright LED Lamp ( 3 Page)


ROITHNER
100% 
Zoom Out Zoom In
   
 2 page
background image
ROITHNER LASERTECHNIK
B5-435-TL
Schoenbrunner Strasse 7, Vienna, Austria, Tel.: +43-1-586 52 43 – 0 Fax.: +43-1-586 52 43 44
office@roithner-laser.com, http://www.roithner-laser.com
REV.2001/1/24
2 / 3
ABSOLUTE MAXIMUM RATINGS
(Ta=25 °C)
PARAMETER
SYMBOL MAX. RATING
Unit
Power Dissipation
PD
120
mW
Peak Forward Current (1/10 Duty Cycle @1KHz )
IPF
100
mA
Continuous Forward Current
IAF
50
mA
Reverse Voltage
VR
5.0
V
Operating Temperature Range
TOPR
-40~+85
°C
Storage Temperature Range
TSTG
-40~+85
°C
Solder temperature 1.6 mm from body for 3 seconds at 260 °C
OPTICAL-ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST
CONDITION
MIN
TYP
MAX
UNIT
Luminous Intensity
IV
IF = 20mA
7000
10000
mcd
Forward Voltage
VF
IF = 20mA
2.2
2.7
V
Reverse Current
IR
VR = 5V
10
µA
Viewing Angle
2θ1/2
IF = 20mA
15
deg.
Peak Wavelength
λP
IF = 20mA
630
nm
Dominant Wavelength
λD
IF = 20mA
625
nm
Spectrum Radiation Bandwidth
∆λ
IF = 20mA
20
nm
*Tolerance of Viewing Angle: -10 / +5 deg.
1  2  3 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl