Nombre de pieza
         Descripción
121-015-09E

 72 Annular Convoluted Tubing Thermally Stabilized Kynar ( 1 Page)


GLENAIR
100% 
Zoom Out Zoom In
   
 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
E-8
E-Mail: sales@glenair.com
www.glenair.com
TYPE
F
TWO
EXTERNAL
TIN/COPPER
BRAIDS AND
JACKET
* The minimum bend radius is based on Type A construction (see page E-3). For
multiple-braided coverings, these minimum bend radii may be increased slightly.
TABLE I
MINIMUM
BEND RADIUS *
.75
(19.1)
1.00
(25.4)
1.38
(35.1)
1.69
(42.9)
1.88
(47.8)
2.00
(50.8)
2.38
(60.5)
2.88
(73.2)
DASH
A DIA
B DIA
NO.
MIN
MAX
MIN
MAX
09
.24 (6.1)
.28 (7.1)
.62 (15.7)
.66 (16.8)
12
.33 (8.4)
.37 (9.4)
.72 (18.3)
.76 (19.3)
16
.45 (11.4)
.50 (12.7)
.84 (21.3)
.90 (22.9)
20
.57 (14.5)
.62 (15.7)
.95 (24.1)
1.01 (25.7)
24
.69 (17.5)
.75 (19.1)
1.12 (28.4)
1.18 (30.0)
28
.81 (20.6)
.87 (22.1)
1.24 (31.5)
1.32 (33.5)
32
.93 (23.6)
1.00 (25.4)
1.36 (34.5)
1.44 (36.6)
40
1.18 (30.0)
1.25 (31.8)
1.60 (40.6)
1.68 (42.7)
121-015
Type F Series 72 Annular Convoluted Tubing
Thermally Stabilized Kynar®
MINIMUM
BEND RADIUS
JACKET
OUTER SHIELD
INNER SHIELD
LENGTH
(AS SPECIFIED IN FEET)
A DIA
B DIA
Metric dimensions (mm) are in parentheses.
Note: Tubing supplied in random lengths.
For specific size lengths, consult factory.
Product
Jacket Material:
Series
E = EPDM
H = Hypalon®
Basic No.
N = Neoprene
V = Viton
Dash No. (Table I)
121-015-16 H
1