Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N4118A Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

No. de pieza 2N4118A
Descripción Electrónicos  N-Channel Silicon Junction Field-Effect Transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RHOPOINT [RHOPOINT COMPONENTS]
Página de inicio  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

2N4118A Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  2N4118A Datasheet HTML 1Page - RHOPOINT COMPONENTS 2N4118A Datasheet HTML 2Page - RHOPOINT COMPONENTS 2N4118A Datasheet HTML 3Page - RHOPOINT COMPONENTS 2N4118A Datasheet HTML 4Page - RHOPOINT COMPONENTS 2N4118A Datasheet HTML 5Page - RHOPOINT COMPONENTS 2N4118A Datasheet HTML 6Page - RHOPOINT COMPONENTS 2N4118A Datasheet HTML 7Page - RHOPOINT COMPONENTS 2N4118A Datasheet HTML 8Page - RHOPOINT COMPONENTS 2N4118A Datasheet HTML 9Page - RHOPOINT COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
01/99
B-11
2N4338, 2N4339
N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 50 V
Continuous Forward Gate Current
50 mA
Continuous Device Power Dissipation
300 mW
Power Derating (to 175°C)
2mW/°C
TOÐ18 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate & Case
At 25°C free air temperature:
2N4338
2N4339
Process NJ16
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 50
– 50
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 100
– 100
pA
VGS = – 30V, VDS = ØV
– 100
– 100
nA
VGS = – 30V, VDS = ØV
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
– 0.3
– 1
– 0.6 – 1.8
V
VDS = 15V, ID = 0.1 µA
Drain Saturation Current (Pulsed)
IDSS
0.2
0.6
0.5
1.5
mA
VDS = 15V, VGS = ØV
Drain Cutoff Current
ID(OFF)
0.05
0.05
nA
VDS = 15V, VGS = ( )
(– 5)
(– 5)
V
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
2500
1700
VGS = ØV, ID = Ø A
f = 1 kHz
Common Source
gfs
600
1800
800
2400
µS
VDS = 15V, VGS = ØV
f = 1 kHz
Forward Transconductance
Common Source Output Conductance
gos
515
µS
VDS = 15V, VGS = ØV
f = 1 kHz
Common Source Input Capacitance
Ciss
77
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Common Source
Crss
33
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Reverse Transfer Capacitance
Noise Figure
NF
1
1
dB
VDS = 15V, VGS = ØV
f = 1 kHz
RG = 1 MΩ, BW = 200 Hz
¥ Audio Amplifiers
¥ Small Signal Amplifiers
¥ Voltage-Controlled Resistors
¥ Current Limiters & Regulators
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-11


Número de pieza similar - 2N4118A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Calogic, LLC
2N4118A CALOGIC-2N4118A Datasheet
21Kb / 1P
   N-Channel JFET General Purpose Amplifier
logo
Linear Integrated Syste...
2N4118A LINEAR-2N4118A Datasheet
14Kb / 1P
   ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Vishay Siliconix
2N4118A VISHAY-2N4118A Datasheet
61Kb / 5P
   N-Channel JFETs
Rev. G, 28-Jun-04
logo
New Jersey Semi-Conduct...
2N4118A NJSEMI-2N4118A Datasheet
173Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
logo
Vishay Siliconix
2N4118A VISHAY-2N4118A Datasheet
74Kb / 6P
   N-Channel JFETs
Rev. G, 28-Jun-04
More results

Descripción similar - 2N4118A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
InterFET Corporation
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
J112 INTERFET-J112 Datasheet
98Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4856 INTERFET-2N4856 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4416 INTERFET-2N4416 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com