Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC384A480T033PP Datasheet(PDF) 7 Page - Vicor Corporation

No. de pieza BC384A480T033PP
Descripción Electrónicos  BCM Bus Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC384A480T033PP Datasheet(HTML) 7 Page - Vicor Corporation

Back Button BC384A480T033PP Datasheet HTML 3Page - Vicor Corporation BC384A480T033PP Datasheet HTML 4Page - Vicor Corporation BC384A480T033PP Datasheet HTML 5Page - Vicor Corporation BC384A480T033PP Datasheet HTML 6Page - Vicor Corporation BC384A480T033PP Datasheet HTML 7Page - Vicor Corporation BC384A480T033PP Datasheet HTML 8Page - Vicor Corporation BC384A480T033PP Datasheet HTML 9Page - Vicor Corporation BC384A480T033PP Datasheet HTML 10Page - Vicor Corporation BC384A480T033PP Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PRELIMINARY DATASHEET
Bus Converter Module
BC384A480T033FP
vicorpower.com
Rev. 1.0
Page 7 of 16
0
20
40
60
80
100
120
140
160
180
0
1
2
3
4
5
6
7
8
Iout (A)
Output Voltage Ripple at 25ºC vs. Iout
Figure 7 — Vripple vs. IOUT ; 384 Vin, no external capacitance
Figure 8 — PC to VOUT startup waveform
Figure 9 —VIN to VOUT startup waveform
Figure 10 — Output voltage and input current ripple, 384 Vin,
325 W no COUT
Figure 11 — Positive load transient (0 – 7.07 A)
Figure 12 — Negative load transient (7.07 A – 0 A)
SPECIFICATIONS (CONT.)
WAVEFORMS (CONT.)


Número de pieza similar - BC384A480T033PP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
244Kb / 2P
   BCM??Bus Converter
BC384A120T030TP VICOR-BC384A120T030TP Datasheet
780Kb / 11P
   BCM??Bus Converter
More results

Descripción similar - BC384A480T033PP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com