Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M-FIAM5BHN3 Datasheet(PDF) 6 Page - Vicor Corporation |
|
M-FIAM5BHN3 Datasheet(HTML) 6 Page - Vicor Corporation |
6 / 7 page Set your site on VICOR at vicorpower.com Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 M-FIAM5B Rev. 3.7 Page 6 of 7 INCHES MM 20,6 0.81 39,1 1.54 26,4 1.04 7,8 0.31 Input Connector MVA – FIAM5B Output Connector 119,4 4.7 Figure 8 — MVA-FIAM5B Packaging Option Output Connector Pin # Function Pin # Function 1 +Vout 10 +Vout 2 +Vout 11 +Vout 3 +Vout 12 +Vout 4 N/C 13 N/C 5 N/C 14 N/C 6 N/C 15 On / Off 7 –Vout 16 –Vout 8 –Vout 17 –Vout 9 –Vout 18 –Vout Output Mounting Vicor P/N Connector Housing 25050 Pin 24796 Kit 25067 Input Connector Pin # Function 1 – 4 –Vin 5 – 7 +Vin 8NC 9 PE protective earth 10 PE protective earth 11 – 13 –Vin 14 – 17 +Vin 18 NC 19 PE protective earth 20 PE protective earth Input Mounting Vicor P/N Connector Housing 24795 Pin 24796 Kit 24828 1 10 9 18 1 11 10 20 Note: The MVA-FIAM5BH and MVA-FIAM5BM are delivered with the On / Off control already configured as On using a 0 Ohm resistor on the underside of the output connector board. The MVA-FIAM5BH-C and MVA-FIAM5BM-C are delivered without the 0 Ohm resistor installed, allowing for user control of the On / Off functionality. |
Número de pieza similar - M-FIAM5BHN3 |
|
Descripción similar - M-FIAM5BHN3 |