Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4353 Datasheet(PDF) 4 Page - Cirrus Logic

No. de pieza CS4353
Descripción Electrónicos  3.3 V Stereo Audio DAC with 2 VRMS Line Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4353 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4353_09 Datasheet HTML 1Page - Cirrus Logic CS4353_09 Datasheet HTML 2Page - Cirrus Logic CS4353_09 Datasheet HTML 3Page - Cirrus Logic CS4353_09 Datasheet HTML 4Page - Cirrus Logic CS4353_09 Datasheet HTML 5Page - Cirrus Logic CS4353_09 Datasheet HTML 6Page - Cirrus Logic CS4353_09 Datasheet HTML 7Page - Cirrus Logic CS4353_09 Datasheet HTML 8Page - Cirrus Logic CS4353_09 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
DS803F1
CS4353
1. PIN DESCRIPTIONS
Pin Name Pin #
Pin Description
SCLK
1
Serial Clock (Input) - Serial clock for the serial audio interface.
MCLK
2
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
VL
3
Serial Audio Interface Power (Input) - Positive power for the serial audio interface
DGND
4
Digital Ground (Input) - Ground reference for the digital section.
FLYP+
FLYP-
7
5
Step-up Charge Pump Cap Positive/Negative Nodes (Output) - Positive and Negative nodes for the
step-up charge pump’s flying capacitor.
VCP
6
Charge Pump and Digital Core Logic Power (Input) - Positive power supply for the step-up and invert-
ing charge pumps as well as the digital core logic sections.
VFILT+
8
Step-up Charge Pump Filter Connection (Output) - Power supply from the step-up charge pump that
provides the positive rail for the output amplifiers
FLYN+
FLYN-
9
11
Inverting Charge Pump Cap Positive/Negative Nodes (Output) - Positive and Negative nodes for the
inverting charge pump’s flying capacitor.
CPGND
10
Charge Pump Ground (Input) - Ground reference for the Charge Pump section.
VFILT-
12
Inverting Charge Pump Filter Connection (Output) - Power supply from the inverting charge pump that
provides the negative rail for the output amplifiers.
AOUTB
AOUTA
13
15
Analog Outputs (Output) - The full-scale analog line output level is specified in the Analog Characteris-
tics table.
AOUT_REF
14
Pseudo Diff. Analog Output Reference (Input) - Ground reference for the analog output amplifiers.
This pin must be at the same nominal DC voltage as the AGND pin.
AGND
16
Analog Ground (Input) - Ground reference for the low voltage analog section.
8
7
6
5
4
3
2
1
9
10
11
12
19
20
21
22
23
24
13
14
15
16
17
18
Top-Down (Through Package) View
24-Pin QFN Package
SCLK
MCLK
VL
DGND
FLYP-
VBIAS
VA
AGND
AOUT_REF
AOUTB
Thermal Pad
VCP
AOUTA


Número de pieza similar - CS4353_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4353-CNZ CIRRUS-CS4353-CNZ Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353-CNZR CIRRUS-CS4353-CNZR Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353-DNZ CIRRUS-CS4353-DNZ Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353-DNZR CIRRUS-CS4353-DNZR Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
More results

Descripción similar - CS4353_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4354 CIRRUS-CS4354 Datasheet
559Kb / 25P
   5 V Stereo DAC with 2 VRMS Ground-centered Output
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
   24-bit I2S Audio DAC with 2 Vrms Output
logo
Texas Instruments
PCM5242 TI1-PCM5242 Datasheet
2Mb / 128P
[Old version datasheet]   Audio Stereo Differential-Output DAC
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com