Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD-E324RD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

No. de pieza BD-E324RD
Descripción Electrónicos  hi-eff red chips, which are made from GaAsP on GaP substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Página de inicio  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-E324RD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BD-E324RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-E324RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-E324RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--E
E3
32
24
4R
RD
D
Ver.1.0 Page 1 of 3
SINCE 1981
G
1
C
8
9
3
A
B
67
4
E
D
F
2
DP
10
D1
5
D2
PIN 1.
D
DP
E
C
G
F
B
A
D.1
D.2
Package Dimensions :
10.16(.400)
2.54x4=10.16(.400)
9.2(.362)
14.0(.551)
4.8(.189)
1.0(.039)
7.5(.295)
7.2(.283)
3.0(.118) MIN.
15.0(.591)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
0.36 inch (9.20mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Duplex drive common anode.
Description :
1.
The BD-E324RD is a 9.20mm (0.36")
high dual digit seven segments display.
2.
This product use hi-eff red chips, which
are made from GaAsP on GaP substrate.
3.
This product have a black face and
white segments.
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


Número de pieza similar - BD-E324RD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BD-E324RD ETC-BD-E324RD Datasheet
195Kb / 2P
   DUAL DIGIT LED DISPLAYS
More results

Descripción similar - BD-E324RD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BRIGHT LED ELECTRONICS ...
BD-A514RE BRIGHT-BD-A514RE Datasheet
265Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-C304ND BRIGHT-BD-C304ND Datasheet
239Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E304RD BRIGHT-BD-E304RD Datasheet
212Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E544RE BRIGHT-BD-E544RE Datasheet
192Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BA-2E2UW BRIGHT-BA-2E2UW Datasheet
213Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
BA-3E12UW BRIGHT-BA-3E12UW Datasheet
179Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E524RD BRIGHT-BD-E524RD Datasheet
227Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BA-10E1UD BRIGHT-BA-10E1UD Datasheet
201Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
BA-8E9UW BRIGHT-BA-8E9UW Datasheet
226Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-F304RD BRIGHT-BD-F304RD Datasheet
243Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com