Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS8FLC1M32 Datasheet(PDF) 11 Page - Austin Semiconductor

No. de pieza AS8FLC1M32
Descripción Electrónicos  Hermetic, Multi-Chip Module (MCM) 32Mb, 1M x 32, 3.0Volt Boot Block FLASH Array
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUSTIN [Austin Semiconductor]
Página de inicio  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8FLC1M32 Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button AS8FLC1M32 Datasheet HTML 7Page - Austin Semiconductor AS8FLC1M32 Datasheet HTML 8Page - Austin Semiconductor AS8FLC1M32 Datasheet HTML 9Page - Austin Semiconductor AS8FLC1M32 Datasheet HTML 10Page - Austin Semiconductor AS8FLC1M32 Datasheet HTML 11Page - Austin Semiconductor AS8FLC1M32 Datasheet HTML 12Page - Austin Semiconductor AS8FLC1M32 Datasheet HTML 13Page - Austin Semiconductor AS8FLC1M32 Datasheet HTML 14Page - Austin Semiconductor AS8FLC1M32 Datasheet HTML 15Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AUSTIN SEMICONDUCTOR, INC.
FLASH
FLASH
FLASH
FLASH
FLASH
AS8FLC1M32
AS8FLC1M32B
Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
Austin Semiconductor, Inc.
Command Definition Table
Bus Cycles (Notes 2-4)
Command Sequence
First
Second
Third
Fourth
Fifth
Sixth
(Note 1)
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
READ (Note 5)
1RA
RD
RESET (Note 6)
1
XXX
F0
Manufacturer ID
4
AAA
AA
555
55
AAA
90
X00
01
Auto-
Device ID, Btm. Boot
4
AAA
AA
555
55
AAA
90
X02
5B
Select
Sector Protect Verify
(SA)
00
(Note 7)
(Note 8)
X04
01
PROGRAM
4
AAA
AA
555
55
AAA
A0PA
PD
UNLOCK BYPASS
3
AAA
AA
555
55
AAA
20
UNLOCK B(Note 9)
2
XXX
A0
PA
PD
UNLOCK B(Note 10)
2
XXX
90
PA
00
CHIP ERASE
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
SECTOR ERASE
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
SA
30
ERASE SUSPEND (Note 11)
1
XXX
B0
ERASE RESUME (Note 12)
1
XXX
30
Legend:
X = Don't Care
RA = Address of the memory location to be READ
RD = Data READ from location RA during READ Operation
PA = Address of the memory location to be programmed. Addresses latched on the falling edge of WEx\ or CSx\ pulse,
whichever occurs later
PD = Data to be programmed at location PA. Data latches on the rising edge of WEx\ or CSx\ pulses,
whichever occurs later
SA = Address of the sector to be VERIFIED (in autoselect mode) or ERASED. Address bits A19-A13 uniquely
select any sector
Notes
8 . The data is 00h for an unprotected sector and 01h for
1. See Table 1 for Valid Bus Operations
a protected sector.
2 . All values in Hexadecimal
9 . The UNLOCK BYPASS Command is required prior to the
3 . Except when READING array or autoselect data, all bus
UNLOCK BYPASS PROGRAM Command.
cycles are WRITE Operations
10 . The UNLOCK BYPASS RESET Command is required to
4 . Address bits A19-A12 are don't cares for UNLOCK and
return to READING array data when the device is in the
Command cycles
UNLOCK BYPASS Mode
5 . No UNLOCK or Command cycles required when
11 . The System may READ and PROGRAM in NON-ERASING
READING array data
sectors, or enter the autoselect mode, when int the ERASE
6 . The RESET command is required to return to READING
SUSPEND Mode. The ERASE SUSPEND Command is
array data when the device is in the AUTOSELECT
valid only during a sector ERASE Operation
mode, or if DQ5, DQ13, DQ21, DQ29 goes high
12 . The ERASE RESUME Command is valid only during the
(while the device is providing status data)
ERASE SUSPEND Mode.
7 . The fourth cycle of the AUTOSELECT Command
sequence is a READ Cycle.
55
AAA
90
4
AAA
AA
555
*Data is for single byte.
BYTE 1 = DQ0 - DQ7
BYTE 2 = DQ8 - DQ15
BYTE 3 = DQ16 - DQ23
BYTE 4 = DQ24 - DQ31


Número de pieza similar - AS8FLC1M32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Austin Semiconductor
AS8FLC2M32 AUSTIN-AS8FLC2M32 Datasheet
415Kb / 29P
   Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
logo
Micross Components
AS8FLC2M32 MICROSS-AS8FLC2M32 Datasheet
369Kb / 29P
   Available in multiple Access time variations
logo
Austin Semiconductor
AS8FLC2M32BP-100/IT AUSTIN-AS8FLC2M32BP-100/IT Datasheet
415Kb / 29P
   Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
AS8FLC2M32BP-100/Q AUSTIN-AS8FLC2M32BP-100/Q Datasheet
415Kb / 29P
   Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
AS8FLC2M32BP-100/XT AUSTIN-AS8FLC2M32BP-100/XT Datasheet
415Kb / 29P
   Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
More results

Descripción similar - AS8FLC1M32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Austin Semiconductor
AS8FLC2M32 AUSTIN-AS8FLC2M32 Datasheet
415Kb / 29P
   Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
AS8F1M32 AUSTIN-AS8F1M32 Datasheet
280Kb / 10P
   1M x 32 FLASH FLASH MEMORY MODULE
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
logo
MOSAIC
SYS321000ZK-012 MOSAIC-SYS321000ZK-012 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
logo
Austin Semiconductor
AS8F128K32 AUSTIN-AS8F128K32_07 Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
logo
Aeroflex Circuit Techno...
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
logo
Austin Semiconductor
AS8F128K32 AUSTIN-AS8F128K32 Datasheet
389Kb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32 AUSTIN-AS8F512K32_03 Datasheet
242Kb / 12P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32 AUSTIN-AS8F512K32_07 Datasheet
296Kb / 23P
   512K x 32 FLASH FLASH MEMORY ARRAY
logo
Numonyx B.V
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com