Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS29F040 Datasheet(PDF) 26 Page - Austin Semiconductor

No. de pieza AS29F040
Descripción Electrónicos  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUSTIN [Austin Semiconductor]
Página de inicio  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040 Datasheet(HTML) 26 Page - Austin Semiconductor

Back Button AS29F040 Datasheet HTML 19Page - Austin Semiconductor AS29F040 Datasheet HTML 20Page - Austin Semiconductor AS29F040 Datasheet HTML 21Page - Austin Semiconductor AS29F040 Datasheet HTML 22Page - Austin Semiconductor AS29F040 Datasheet HTML 23Page - Austin Semiconductor AS29F040 Datasheet HTML 24Page - Austin Semiconductor AS29F040 Datasheet HTML 25Page - Austin Semiconductor AS29F040 Datasheet HTML 26Page - Austin Semiconductor AS29F040 Datasheet HTML 27Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
26
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
*AVAILABLE PROCESSES
Temperature
XT = Military Temperature Range
-55oC to +125oC
IT = Industrial Temperature Range
-40°C to +85°C
883C = 883C Processing
-55°C to +125°C
Q = QML Processing
-55°C to +125°C
ORDERING INFORMATION
EXAMPLE:
AS29F040CW-55/883C
Device Number
Package Type
Speed ns
Process
AS29F040
CW
-55
/*
AS29F040
CW
-60
/*
AS29F040
CW
-70
/*
AS29F040
CW
-90
/*
AS29F040
CW
-120
/*
AS29F040
CW
-150
/*
EXAMPLE:
AS29F040F-60/XT
Device Number
Package Type
Speed ns
Process
AS29F040
F
-55
/*
AS29F040
F
-60
/*
AS29F040
F
-70
/*
AS29F040
F
-90
/*
AS29F040
F
-120
/*
AS29F040
F
-150
/*
EXAMPLE:
AS29F040DCG-70/Q
Device Number
Package Type
Speed ns
Process
AS29F040
DCG
-55
/*
AS29F040
DCG
-60
/*
AS29F040
DCG
-70
/*
AS29F040
DCG
-90
/*
AS29F040
DCG
-120
/*
AS29F040
DCG
-150
/*
EXAMPLE:
AS29F040ECA-90/Q
Device Number
Package Type
Speed ns
Process
AS29F040
ECA
-55
/*
AS29F040
ECA
-60
/*
AS29F040
ECA
-70
/*
AS29F040
ECA
-90
/*
AS29F040
ECA
-120
/*
AS29F040
ECA
-150
/*


Número de pieza similar - AS29F040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alliance Semiconductor ...
AS29F040 ALSC-AS29F040 Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
logo
Micross Components
AS29F040 MICROSS-AS29F040 Datasheet
598Kb / 27P
   Sector protection
logo
Alliance Semiconductor ...
AS29F040-120LC ALSC-AS29F040-120LC Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
AS29F040-120LI ALSC-AS29F040-120LI Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
AS29F040-120TC ALSC-AS29F040-120TC Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
More results

Descripción similar - AS29F040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Austin Semiconductor
AS29F010 AUSTIN-AS29F010 Datasheet
530Kb / 26P
   128K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
logo
AMIC Technology
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29010A AMICC-A29010A Datasheet
351Kb / 30P
   Uniform Sector Flash Memory
A29040C AMICC-A29040C Datasheet
391Kb / 29P
   Uniform Sector Flash Memory
A29L040A AMICC-A29L040A_15 Datasheet
330Kb / 29P
   Uniform Sector Flash Memory
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040_11 Datasheet
350Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com