Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AS29LV016 Datasheet(Hoja de datos) 6 Page - Austin Semiconductor

No. de Pieza. AS29LV016
Descripción  16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
Descarga  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AUSTIN [Austin Semiconductor]
Página de inicio  http://www.austinsemiconductor.com
Logo 

 6 page
background image
CO
CO
CO
CO
COTS PEM
TS PEM
TS PEM
TS PEM
TS PEM
BOO
BOO
BOO
BOO
BOOT SECT
T SECT
T SECT
T SECT
T SECTOR FLASH
OR FLASH
OR FLASH
OR FLASH
OR FLASH
AS29LV016
AS29LV016
Rev. 2.1 10/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
Austin Semiconductor, Inc.
DEVICE BUS OPERATIONS
This section describes the requirements and use of the device bus operations, which are initiated through the internal
command register. The command register itself does not occupy any addressable memory location. The register is
com-posed of latches that store the commands, along with the address and data information needed to execute the
command. The contents of the register serve as inputs to the internal state machine. The state machine outputs
dictate the function of the device. Table 1 lists the device bus operations, the inputs and control levels they require, and
the resulting output. The following subsections describe each of these operations in further detail.
Table 1: AS29LV016 Device Bus Operations
DQ8-DQ15
DQ0-
BYTE#
BYTE#
Operation
CE#
OE#
WE#
RESET#
Address
1
DQ7
=VIH
=VIL
Read
L
L
H
H
AIN
DOUT
DOUT
DQ8-DQ14= High Z,
DQ15=A-1
Write
L
H
L
H
AIN
DIN
DIN
Standby
Vcc ± 0.3V
X
X
Vcc ± 0.3V
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Sector Protect
2
LH
L
VID
Sector Address,
A6=L, A1=H, A0=L
DIN
XX
Sector Unprotect
2
LH
L
VID
Sector Address,
A6=H, A1=H, A0=L
DIN
XX
Temporary Sector Unprotect
X
X
X
VID
AIN
DIN
DIN
High-Z
Legend:
L= Logic Low = V IL , H=Logic High=V IH , V ID =12.0±0.5V, X=Don't Care, A IN =Address In, D IN = Data In, D OUT =Data Out
Notes:
1. Addresses are A19:A0 in word mode (BYTE# = V IH ), A19:A-1 in byte mode (BYTE# = V IL )
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See Sector Protection /
Unprotection on page 11.
WORD / BYTE CONFIGURATION
The BYTE# pin controls whether the device data I/O pins DQ15–DQ0 operate in the byte or word
configuration. If the BYTE# pin is set at logic 1, the device is in word configuration, DQ15–DQ0 are
active and controlled by CE# and OE#.
If the BYTE# pin is set at logic 0, the device is in byte configuration, and only data I/O pins DQ0–
DQ7 are active and controlled by CE# and OE#. The data I/O pins DQ8–DQ14 are tri-stated, and
the DQ15 pin is used as an input for the LSB (A-1) address function.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl