Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AS29LV016 Datasheet(Hoja de datos) 30 Page - Austin Semiconductor

No. de Pieza. AS29LV016
Descripción  16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
Descarga  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AUSTIN [Austin Semiconductor]
Página de inicio  http://www.austinsemiconductor.com
Logo 

 30 page
background image
CO
CO
CO
CO
COTS PEM
TS PEM
TS PEM
TS PEM
TS PEM
BOO
BOO
BOO
BOO
BOOT SECT
T SECT
T SECT
T SECT
T SECTOR FLASH
OR FLASH
OR FLASH
OR FLASH
OR FLASH
AS29LV016
AS29LV016
Rev. 2.1 10/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
30
Austin Semiconductor, Inc.
AC CHARACTERISTICS
RESET#
RY/BY#
RY/BY#
tRP
tReady
Reset Timings NOT during Embedded Algorithms
tReady
CE#, OE#
tRH
CE#, OE#
Reset Timings during Embedded Algorithms
RESET#
tRP
tRB
Figure 13.
RESET# Timings
Hardware Reset (RESET#)
Parameter
Description
Test Setup
All Speed Options
Unit
JEDEC
Std
tREADY
RESET# Pin Low (During Embedded Algorithms)
to Read or Write
1
Max
20
µs
tREADY
RESET# Pin Low (NOT During Embedded
Algorithms) to Read or Write
1
Max
500
tRP
RESET# Pulse Width
Min
500
ns
tRH
RESET# High Time Before Read
1
50
tRPD
RESET# Low to Standby Mode
20
µs
tRB
RY/BY# Recovery Time
0ns
Note:
1. Not 100% Tested




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl