Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS29LV016J Datasheet(PDF) 30 Page - Austin Semiconductor

No. de pieza AS29LV016J
Descripción Electrónicos  16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUSTIN [Austin Semiconductor]
Página de inicio  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29LV016J Datasheet(HTML) 30 Page - Austin Semiconductor

Back Button AS29LV016J Datasheet HTML 26Page - Austin Semiconductor AS29LV016J Datasheet HTML 27Page - Austin Semiconductor AS29LV016J Datasheet HTML 28Page - Austin Semiconductor AS29LV016J Datasheet HTML 29Page - Austin Semiconductor AS29LV016J Datasheet HTML 30Page - Austin Semiconductor AS29LV016J Datasheet HTML 31Page - Austin Semiconductor AS29LV016J Datasheet HTML 32Page - Austin Semiconductor AS29LV016J Datasheet HTML 33Page - Austin Semiconductor AS29LV016J Datasheet HTML 34Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
CO
CO
CO
CO
COTS PEM
TS PEM
TS PEM
TS PEM
TS PEM
BOO
BOO
BOO
BOO
BOOT SECT
T SECT
T SECT
T SECT
T SECTOR FLASH
OR FLASH
OR FLASH
OR FLASH
OR FLASH
AS29LV016J
AS29LV016J
Rev. 0.0 02/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
30
Austin Semiconductor, Inc.
AC CHARACTERISTICS
RESET#
RY/BY#
RY/BY#
tRP
tReady
Reset Timings NOT during Embedded Algorithms
tReady
CE#, OE#
tRH
CE#, OE#
Reset Timings during Embedded Algorithms
RESET#
tRP
tRB
Figure 13.
RESET# Timings
Hardware Reset (RESET#)
JEDEC
Std
tREADY
Max
35
µs
tREADY
Max
500
tRP
500
tRH
50
tRPD
35
µs
tRB
0ns
Note:
1. Not 100% Tested
RESET# High Time Before Read
1
RESET# Low to Standby Mode
RY/BY# Recovery Time
Min
ns
Parameter
Description
Test Setup
All Speed Options
Unit
RESET# Pin Low (During Embedded Algorithms)
to Read or Write
1
RESET# Pin Low (NOT During Embedded
Algorithms) to Read or Write
1
RESET# Pulse Width


Número de pieza similar - AS29LV016J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Austin Semiconductor
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/ET AUSTIN-AS29LV016BRG-100/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/XT AUSTIN-AS29LV016BRG-100/XT Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-70/ET AUSTIN-AS29LV016BRG-70/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-90/ET AUSTIN-AS29LV016BRG-90/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results

Descripción similar - AS29LV016J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Austin Semiconductor
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
logo
AMIC Technology
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L161B AMICC-A29L161B Datasheet
476Kb / 41P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160A AMICC-A29L160A Datasheet
572Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160C AMICC-A29L160C Datasheet
471Kb / 41P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29160B AMICC-A29160B Datasheet
508Kb / 43P
   2M X 8 Bit / 1M X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL016M SPANSION-S29AL016M Datasheet
1Mb / 59P
   16 MEGABIT (2M X 8 BIT / I M X 16 BIT) 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
AMIC Technology
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com