Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5412 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD5412
Descripción Electrónicos  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5412 Datasheet(HTML) 1 Page - Analog Devices

  AD5412 Datasheet HTML 1Page - Analog Devices AD5412 Datasheet HTML 2Page - Analog Devices AD5412 Datasheet HTML 3Page - Analog Devices AD5412 Datasheet HTML 4Page - Analog Devices AD5412 Datasheet HTML 5Page - Analog Devices AD5412 Datasheet HTML 6Page - Analog Devices AD5412 Datasheet HTML 7Page - Analog Devices AD5412 Datasheet HTML 8Page - Analog Devices AD5412 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Single Channel, 12-/16-Bit, Serial Input,
Current Source and Voltage Output DACs
AD5412/AD5422
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
12-/16-bit resolution and monotonicity
Current output ranges: 4 mA to 20 mA, 0 mA to 20 mA,
0 mA to 24 mA
±0.01 % FSR typical total unadjusted error (TUE)
±3 ppm/°C output drift
Voltage output ranges: 0 V to 5 V, 0 V to 10 V, ±5 V, ±10 V
10% overrange
±0.01 % FSR typical total unadjusted error (TUE)
±2 ppm/°C output drift
Flexible serial digital interface
On-chip output fault detection
On-chip reference: 10 ppm/°C maximum
Asynchronous clear function
Power supply range
AVDD: 10.8 V to 40 V
AVSS: −26.4 V to −3 V/0 V
Output loop compliance: AVDD – 2.5 V
Temperature range: −40°C to +85°C
TSSOP and LFCSP packages
APPLICATIONS
Process control
Actuator control
PLC
GENERAL DESCRIPTION
The AD5412/AD5422 are low-cost, precision, fully integrated
12-/16-bit digital-to-analog converters (DAC) offering a pro-
grammable current source and programmable voltage output
designed to meet the requirements of industrial process control
applications.
The output current range is programmable at 4 mA to 20 mA,
0 mA to 20 mA, or an overrange function of 0 mA to 24 mA.
Voltage output is provided from a separate pin that can be
configured to provide 0 V to 5 V, 0 V to 10 V, ±5 V, or ±10 V
output ranges; an overrange of 10% is available on all ranges.
Analog outputs are short and open-circuit protected and can
drive capacitive loads of 1 μF.
The device operates with an AVDD power supply range from
10.8 V to 40 V. Output loop compliance is 0 V to AVDD – 2.5 V.
The flexible serial interface is SPI- and MICROWIRE™-
compatible and can be operated in 3-wire mode to minimize
the digital isolation required in isolated applications.
The device also includes a power-on-reset function, ensuring
that the device powers up in a known state. The part also
includes an asynchronous clear pin (CLEAR) that sets the
outputs to zero-scale/midscale voltage output or the low
end of the selected current range.
The total output error is typically ±0.01% in current mode and
±0.01% in voltage mode.
Table 1. Pin-Compatible Devices
Part Number
Description
AD5410
Single channel, 12-bit, serial
input current source DAC
AD5420
Single channel, 16-bit, serial
input current source DAC


Número de pieza similar - AD5412

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5412 AD-AD5412 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5412 AD-AD5412 Datasheet
502Kb / 20P
   Low Power HART Modem
REV. A
AD5412ACPZ AD-AD5412ACPZ Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5412AREZ AD-AD5412AREZ Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
More results

Descripción similar - AD5412

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com