Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1613 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADP1613
Descripción Electrónicos  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1613 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1613 Datasheet HTML 6Page - Analog Devices ADP1613 Datasheet HTML 7Page - Analog Devices ADP1613 Datasheet HTML 8Page - Analog Devices ADP1613 Datasheet HTML 9Page - Analog Devices ADP1613 Datasheet HTML 10Page - Analog Devices ADP1613 Datasheet HTML 11Page - Analog Devices ADP1613 Datasheet HTML 12Page - Analog Devices ADP1613 Datasheet HTML 13Page - Analog Devices ADP1613 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 10 of 28
T
TIME (400ns/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 20mA
L = 6.8µH
fSW = 1.3MHz
COUT = 10µF
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT
(200mA/DIV)
SWITCH VOLTAGE (10V/DIV)
Figure 28. ADP1612/ADP1613 Switching Waveform in Discontinuous
Conduction Mode
T
TIME (400ns/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 200mA
L = 6.8µH
fSW = 1.3MHz
COUT = 10µF
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT
(500mA/DIV)
SWITCH VOLTAGE (10V/DIV)
Figure 29. ADP1612/ADP1613 Switching Waveform in Continuous
Conduction Mode
T
TIME (20ms/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 250mA
L = 6.8µH
fSW = 1.3MHz
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT (2A/DIV)
SWITCH VOLTAGE (10V/DIV)
EN PIN VOLTAGE (5V/DIV)
Figure 30. ADP1612/ADP1613 Start-Up from VIN, CSS =33 nF
T
TIME (20ms/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 250mA
L = 6.8µH
fSW = 1.3MHz
OUTPUT VOLTAGE (5V/DIV)
SWITCH VOLTAGE (10V/DIV)
EN PIN VOLTAGE (5V/DIV)
INDUCTOR CURRENT (2A/DIV)
Figure 31. ADP1612/ADP1613 Start-Up from VIN, CSS =100 nF
T
TIME (400µs/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 250mA
L = 6.8µH
fSW = 1.3MHz
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT (500mA/DIV)
SWITCH VOLTAGE (10V/DIV)
EN PIN VOLTAGE (5V/DIV)
Figure 32. ADP1612/ADP1613 Start-Up from Shutdown, CSS = 33 nF
T
TIME (400µs/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 250mA
L = 6.8µH
fSW = 1.3MHz
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT (500mA/DIV)
SWITCH VOLTAGE (10V/DIV)
EN PIN VOLTAGE (5V/DIV)
Figure 33. ADP1612/ADP1613 Start-Up from Shutdown, CSS = 100 nF


Número de pieza similar - ADP1613

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1613ARMZ-R7 AD-ADP1613ARMZ-R7 Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
More results

Descripción similar - ADP1613

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1614 AD-ADP1614 Datasheet
415Kb / 16P
   650 kHz/1.3 MHz, 4 A, Step-Up
REV. 0
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
logo
Torex Semiconductor
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC9106 TOREX-XC9106 Datasheet
109Kb / 8P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com