Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF28100H Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No. de pieza UF28100H
Descripción Electrónicos  RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

UF28100H Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  UF28100H Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. UF28100H Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. UF28100H Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
RF Power MOSFET Transistor
100W, 100-500 MHz, 28V
M/A-COM Products
Released - Ver 08.07
UF28100H
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Broadband Performance Curves
SUPPLY VOLTAGE (V)
POWER OUTPUT VS SUPPLY VOLTAGE
PIN=10 W IDQ=600 mA F=500 MHz
120
100
80
60
40
20
0
20
16
28
14
24
32
POWER OUTPUT VS POWER INPUT
VDD =28 V IDQ =600 mA (Push pull device)
2
POWER INPUT (W)
300MHz
200MHz
120
100
80
60
40
20
0
1
10
8
4
0
12
500MHz
6
EFFICIENCY VS FREQUENCY
PIN=10W IDD =600 mA (Push pull device)
200
400
FREQUENCY (MHz)
80
70
60
50
40
300
100
500
400MHz


Número de pieza similar - UF28100H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
UF28100H MACOM-UF28100H Datasheet
192Kb / 3P
   RF MOSFET Power Transistor, 100W, 28V 100 - 500 MHz
logo
M/A-COM Technology Solu...
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
   RF Power MOSFET Transistor
UF28100H MA-COM-UF28100H_15 Datasheet
235Kb / 3P
   RF Power MOSFET Transistor
UF28100H MA-COM-UF28100H_17 Datasheet
661Kb / 4P
   RF Power MOSFET Transistor
More results

Descripción similar - UF28100H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
UF28100H MACOM-UF28100H Datasheet
192Kb / 3P
   RF MOSFET Power Transistor, 100W, 28V 100 - 500 MHz
logo
M/A-COM Technology Solu...
UF28100V MA-COM-UF28100V Datasheet
224Kb / 3P
   RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
UF28100M MA-COM-UF28100M Datasheet
235Kb / 3P
   RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
UF2805B MA-COM-UF2805B Datasheet
210Kb / 3P
   RF Power MOSFET Transistor 5W, 100-500 MHz, 28V
UF2820P MA-COM-UF2820P Datasheet
205Kb / 3P
   RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF2820R MA-COM-UF2820R Datasheet
221Kb / 3P
   RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
logo
Tyco Electronics
UF281OOV MACOM-UF281OOV Datasheet
214Kb / 3P
   RF MOSFET Power Transistor, IOOW, 28V 100 - 500 MHz
UF2840G MACOM-UF2840G Datasheet
197Kb / 3P
   RF MOSFET Power Transistor, 4OW, 28V 100 - 500 MHz
UF284OP MACOM-UF284OP Datasheet
209Kb / 3P
   RF MOSFET Power Transistor, 4OW, 28V 100 - 500 MHz
logo
M/A-COM Technology Solu...
UF2810P MA-COM-UF2810P Datasheet
218Kb / 2P
   RF Power MOSFET Transistor 10W, 100-500 MHz, 28V
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com