Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
800-010-02ZN5-3AN Datasheet(PDF) 1 Page - Glenair, Inc. |
|
800-010-02ZN5-3AN Datasheet(HTML) 1 Page - Glenair, Inc. |
1 / 4 page A B C D E F G H J K L M Dimensions in inches (millimeters) and are subject to change without notice. © 2009 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 www.glenair.com C-6 E-Mail: sales@glenair.com HOW TO ORDER Sample Part Number 800-011 -01 M 6-4 P N Series Shell Style Shell Material / Finish Shell Size- Insert Arrangement Contact Type Shell Key Position 800-010 Receptacle with Banding Platform 800-011 Receptacle with Accessory Thread -01 In-Line -02 Square Flange for Front or Rear Mounting -07 Jam Nut for Rear Panel Mounting C Aluminum / Black Anodize (Non-Conductive) RoHS Compliant M Aluminum / Electroless Nickel RoHS Compliant NF Aluminum / Cadmium with Olive Drab Chromate ZN Aluminum / Zinc-Nickel with Olive Drab Chromate UCR Aluminum / Zinc-Cobalt with Black Chromate RoHS Compliant ZNU Aluminum / Zinc-Nickel with Black Chromate MT Aluminum / Nickel-PTFE RoHS Compliant Z1 Stainless Steel / Passivated RoHS Compliant No. of Contacts Arr. #23 #20 #16 #12 5-3 3 6-1 1 6-4 4 6-7 7 7-1 1 7-10 10 8-2 2 8-13 13 8-200 42 9-4 4 9-19 19 9-200 42 9-201 82 10-5 5 10-26 26 10-200 12 1 10-201 42 10-202 82 12-2 2 12-3 3 12-7 7 12-37 37 12-200 62 12-201 10 2 Connector supplied with contacts P Pin S Socket Connector supplied without contacts A Pin B Socket Connector Connectors with contacts are supplied with signal and/or power crimp contacts. These contacts are not installed. Coaxial contacts and non- standard signal contacts are ordered separately. N Normal X Pos. X Y Pos. Y Z Pos. Z Rear Panel Jam Nut Mount Three Shell Options: Jam nut with o-ring for rear panel mounting, square flange or in-line receptacle for free-hanging cables. Square Flange Mount In-Line Integral Band Platform for direct attachment of a cable shield using a BAND-IT® strap. Install a boot, or overmold onto the band platform. An accessory thread is available for attaching strain reliefs and backshells. Series 800 “Mighty Mouse” with UN Mating Thread Crimp Receptacle Ordering Information 800-010 and 800-011 Rev. 01-FEB-2009 |
Número de pieza similar - 800-010-02ZN5-3AN |
|
Descripción similar - 800-010-02ZN5-3AN |