Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CB10B5L2 Datasheet(PDF) 9 Page - Glenair, Inc.

No. de pieza CB10B5L2
Descripción Electrónicos  Qualifi ed Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GLENAIR [Glenair, Inc.]
Página de inicio  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

CB10B5L2 Datasheet(HTML) 9 Page - Glenair, Inc.

Back Button CB10B5L2 Datasheet HTML 2Page - Glenair, Inc. CB10B5L2 Datasheet HTML 3Page - Glenair, Inc. CB10B5L2 Datasheet HTML 4Page - Glenair, Inc. CB10B5L2 Datasheet HTML 5Page - Glenair, Inc. CB10B5L2 Datasheet HTML 6Page - Glenair, Inc. CB10B5L2 Datasheet HTML 7Page - Glenair, Inc. CB10B5L2 Datasheet HTML 8Page - Glenair, Inc. CB10B5L2 Datasheet HTML 9Page - Glenair, Inc. CB10B5L2 Datasheet HTML 10Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
© 2008 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
37
E-Mail: sales@glenair.com
VG95351 and VG96934 Qualified Connectors
VG96934 STYLE Z6: PANEL MOUNT DUMMY STOWAGE RECEPTACLE
VG96934 KEY POSITIONS AND CONTACT ARRANGEMENTS
VG96934Z6
Dummy receptacle mounts
to panel with screw and provides
protection to unused plugs.
VG Part Number
Glenair Part no.
VG96934Z6
CBCAP-Z6
GASKET
23.0 MAX.
4.2 +0.2
-0
15.7
MAX.
Material and Finish
Cover: Aluminum Alloy, Black Zinc Cobalt
finish
Gasket: Silicone rubber
Plug
Receptacle
Key Positions
VG96934 Styles E and F
Panel Mount Plug
VG96934 Styles B and C
Panel Mount Receptacle
Position
A
B
Color Code
N
95°
140°
White
W
85°
115°
Blue
X
100°
105°
Violet
Y
110°
120°
Chrome Yellow
Z
80°
145°
Dark Red
A
B
C
D E
F
G
H
J
K
40º 4
5'
A
B
A
B
C
D
E
F
G
H
K
J
A
B
30°
A
B
C
D
E
F
G
K
H
J
CL
CL
3.74 0.49
3.14
2.86
1.09
1.73
2.4
1.66
1.66
2.4
3.58
2.03
2.03
3.58
A
B
C
D
E
F
G
K
H
J
CL
CL
3.8 0.45
3.2
2.9
1.1
1.65
2.45
1.55
1.55
2.45
3.65
2.05
2.05
3.65
VG96934 PRINTED CIRCUIT BOARD ARRANGEMENTS


Número de pieza similar - CB10B5L2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Extech Instruments Corp...
CB10 EXTECH-CB10 Datasheet
240Kb / 1P
   AC Circuit Breaker Finder/Receptacle Tester
logo
Stackpole Electronics, ...
CB10 SEI-CB10 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Extech Instruments Corp...
CB10-KIT EXTECH-CB10-KIT Datasheet
487Kb / 1P
   Electrical Troubleshooting Kit
logo
SAMWHA ELECTRIC
CB1005GA100 SAMWHA-CB1005GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1005GA102 SAMWHA-CB1005GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

Descripción similar - CB10B5L2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Glenair, Inc.
CB07A1L0 GLENAIR-CB07A1L0 Datasheet
298Kb / 3P
   Qualifi ed Connectors
VG96934 GLENAIR-VG96934 Datasheet
818Kb / 10P
   VG95351 and VG96934 Qualifi ed Connectors
logo
IRC - a TT electronics ...
RL50D1002F IRCTT-RL50D1002F Datasheet
100Kb / 2P
   Precision Mil-Qualifi ed Metal Glaze Resistor
logo
YUXIANG Magnetc materia...
ED28 YUXIANG-ED28 Datasheet
101Kb / 1P
   ED CORES
logo
Adels-Contact
115113 ADELS-115113 Datasheet
120Kb / 2P
   900 ED FR
logo
C&K Components
EDEDM CK-COMPONENTS-EDEDM Datasheet
139Kb / 2P
   ED & EDM Domes
logo
Lapp.
21700538 LAPP-21700538 Datasheet
139Kb / 1P
   ED-CAN-AX
17.09.2018
logo
PHOENIX CONTACT
1663637 PHOENIX-1663637 Datasheet
100Kb / 4P
   CK2,5-ED-4,00ST AG
1663417 PHOENIX-1663417 Datasheet
100Kb / 4P
   CK1,6-ED-0,75BU AG
1663446 PHOENIX-1663446 Datasheet
100Kb / 4P
   CK1,6-ED-2,50BU AG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com