Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
800-010-02ZN6-4PY Datasheet(PDF) 4 Page - Glenair, Inc. |
|
800-010-02ZN6-4PY Datasheet(HTML) 4 Page - Glenair, Inc. |
4 / 4 page A B C D E F G H J K L M Dimensions in inches (millimeters) and are subject to change without notice. © 2009 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 www.glenair.com C-9 E-Mail: sales@glenair.com Integral Band Platform 800-010-01 Accessory Thread 800-011-01 DIMENSIONS Shell Size AØ B C Threads Mating D Max. Ø E F Max. G Threads Accessory In. mm. In. mm. In. mm. In. mm. In. mm. 5 .312 7.92 .355 9.02 .3125-28 UN-2A .750 19.05 .230 5.84 .725 18.42 .250-32 UNEF-2A 6 .375 9.53 .400 10.16 .3750-28 UN-2A .750 19.05 .286 7.26 .725 18.42 .3125-32 UNEF-2A 7 .445 11.30 .490 12.45 .4375-28 UNEF-2A .825 20.96 .390 9.91 .800 20.32 .4375-28 UNEF-2A 8 .550 13.97 .600 15.24 .5000-32 UN-2A .825 20.96 .445 11.30 .800 20.32 .5000-28 UNEF-2A 9 .613 15.57 .663 16.84 .5625-32 UN-2A .825 20.96 .500 12.70 .800 20.32 .5625-24 UNEF-2A 10 .675 17.15 .725 18.42 .6250-32 UN-2A .825 20.96 .565 14.35 .800 20.32 .6250-24 UNEF-2A 12 .800 20.32 .850 21.59 .7500-28 UN-2A .825 20.96 .650 16.51 .800 20.32 .6875-24 UNEF-2A SERIES 800 KEY POSITIONS Key Position Key Rotation Plug Key Position Receptacle Key Position Normal (N) 150° X 140° Y 130° Z 120° Shell size 5 and 6: master key is located at top dead center for normal (N) position. Shell size 7 thru 12: master key is rotated 90° from TDC for normal position. Z° Y° X° NORMAL 60° 60° Z° Y° X° NORMAL Series 800 “Mighty Mouse” with UN Mating Thread In-Line Crimp Receptacle Dimensions 800-010-01 and 800-011-01 A FLATS C THREAD ø B ø E D MAX C THREAD F MAX G THREAD .039 (.10) SHELL SIZE 5 & 6 .050 (1.27) SHELL SIZE 7 THRU 12 .320 (8.1) SHELL SIZE 5 & 6 .460 (11.7) SHELL SIZE 7 THRU 12 Rev. 01-FEB-2009 |
Número de pieza similar - 800-010-02ZN6-4PY |
|
Descripción similar - 800-010-02ZN6-4PY |