Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CB10F1L2 Datasheet(PDF) 3 Page - Glenair, Inc.

No. de pieza CB10F1L2
Descripción Electrónicos  Qualifi ed Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GLENAIR [Glenair, Inc.]
Página de inicio  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

CB10F1L2 Datasheet(HTML) 3 Page - Glenair, Inc.

  CB10F1L2 Datasheet HTML 1Page - Glenair, Inc. CB10F1L2 Datasheet HTML 2Page - Glenair, Inc. CB10F1L2 Datasheet HTML 3Page - Glenair, Inc. CB10F1L2 Datasheet HTML 4Page - Glenair, Inc. CB10F1L2 Datasheet HTML 5Page - Glenair, Inc. CB10F1L2 Datasheet HTML 6Page - Glenair, Inc. CB10F1L2 Datasheet HTML 7Page - Glenair, Inc. CB10F1L2 Datasheet HTML 8Page - Glenair, Inc. CB10F1L2 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2008 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
31
E-Mail: sales@glenair.com
VG95351 and VG96934 Qualified Connectors
VG96934D10*L0
10 pin in-line unshrouded
receptacle with two piece
shielded aluminum backshell.
6 mm cable entry. Black
zinc plating. Not for new
design
. Replaced by Style K.
Maximum weight 15 grams.
Key
Pos.
VG Part Number
Glenair Part no.
N
VG96934D10NL0
CB10D1L0
W
VG96934D10WL0
CB10D2L0
X
VG96934D10XL0
CB10D3L0
Y
VG96934D10YL0
CB10D4L0
Z
VG96934D10ZL0
CB10D5L0
Ø 18.0
MAX
12.7
MAX
18.0
33.0 MAX
Ø 16.0
A
B
C
D
E
F
G
H
J
Terminal
Style
Key
Pos.
VG Part Number
Glenair Part no.
L0
Solder Cup
N
VG96934C10NL0
CB10C1L0
W
VG96934C10WL0
CB10C2L0
X
VG96934C10XL0
CB10C3L0
Y
VG96934C10YL0
CB10C4L0
Z
VG96934C10ZL0
CB10C5L0
L1
Standard PC Tail
N
VG96934C10NL1
CB10C1L1
W
VG96934C10WL1
CB10C2L1
X
VG96934C10XL1
CB10C3L1
Y
VG96934C10YL1
CB10C4L1
Z
VG96934C10ZL1
CB10C5L1
VG96934C10*L*
10 pin jam nut receptacle for rear panel
mounting. Maximum weight 11 grams.
Stainless steel shell with black chromate.
L2
Extended PC Tail
N
VG96934C10NL2
CB10C1L2
W
VG96934C10WL2
CB10C2L2
X
VG96934C10XL2
CB10C3L2
Y
VG96934C10YL2
CB10C4L2
Z
VG96934C10ZL2
CB10C5L2
Detail A Terminal Styles
L0
SOLDER CUP
#20 AWG
2.5
1.14 MAX.
1.0 MAX.
L1
STANDARD
PC TAIL
3.5
0.45/0.53
L2
EXTENDED
PC TAIL
2.9/3.0
8
0.45/
0.50
VG96934 STYLE D: UNSHROUDED IN-LINE RECEPTACLE WITH BACKSHELL
VG96934 STYLE C: JAM NUT MOUNT RECEPTACLE
A
B
C
D
E
F
G
H
J
16.2 MAX
20.6 MAX
3.0 MAX
3.0 MAX PANEL
M14 x 0.75
O-RING
DETAIL
A
Ø 17.0 MAX
LOCATION OF
POLARIZING
COLOR CODE
2.0
13.3 MAX
FLATS


Número de pieza similar - CB10F1L2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Extech Instruments Corp...
CB10 EXTECH-CB10 Datasheet
240Kb / 1P
   AC Circuit Breaker Finder/Receptacle Tester
logo
Stackpole Electronics, ...
CB10 SEI-CB10 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Extech Instruments Corp...
CB10-KIT EXTECH-CB10-KIT Datasheet
487Kb / 1P
   Electrical Troubleshooting Kit
logo
SAMWHA ELECTRIC
CB1005GA100 SAMWHA-CB1005GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1005GA102 SAMWHA-CB1005GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

Descripción similar - CB10F1L2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Glenair, Inc.
CB07A1L0 GLENAIR-CB07A1L0 Datasheet
298Kb / 3P
   Qualifi ed Connectors
VG96934 GLENAIR-VG96934 Datasheet
818Kb / 10P
   VG95351 and VG96934 Qualifi ed Connectors
logo
IRC - a TT electronics ...
RL50D1002F IRCTT-RL50D1002F Datasheet
100Kb / 2P
   Precision Mil-Qualifi ed Metal Glaze Resistor
logo
YUXIANG Magnetc materia...
ED28 YUXIANG-ED28 Datasheet
101Kb / 1P
   ED CORES
logo
Adels-Contact
115113 ADELS-115113 Datasheet
120Kb / 2P
   900 ED FR
logo
C&K Components
EDEDM CK-COMPONENTS-EDEDM Datasheet
139Kb / 2P
   ED & EDM Domes
logo
Lapp.
21700538 LAPP-21700538 Datasheet
139Kb / 1P
   ED-CAN-AX
17.09.2018
logo
PHOENIX CONTACT
1663637 PHOENIX-1663637 Datasheet
100Kb / 4P
   CK2,5-ED-4,00ST AG
1663417 PHOENIX-1663417 Datasheet
100Kb / 4P
   CK1,6-ED-0,75BU AG
1663446 PHOENIX-1663446 Datasheet
100Kb / 4P
   CK1,6-ED-2,50BU AG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com