Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5358S713X Datasheet(PDF) 11 Page - Fairchild Semiconductor

No. de pieza FAN5358S713X
Descripción Electrónicos  2MHz, 500mA, SC70 Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5358S713X Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5358S713X Datasheet HTML 5Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 6Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 7Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 8Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 9Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 10Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 11Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 12Page - Fairchild Semiconductor FAN5358S713X Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5358 • Rev. 1.0.1
11
PCB Layout Considerations
There are only three external components: the inductor and
the input and output capacitors. For any buck regulator IC,
including the FAN5358, it is important to place a low-ESR
input capacitor very close to the IC, as shown in Figure 21.
The input capacitor ensures good input decoupling, which
helps reduce noise appearing at the output terminals and
ensures that the control sections of the IC do not behave
erratically due to excessive noise. This reduces switching
cycle jitter and ensures good overall performance. It is
important to place the common GND of CIN and COUT as close
as possible to any of the FAN5358 GND terminals. There is
some flexibility in moving the inductor further away from the
IC; in that case, VOUT should be considered at the COUT
terminal.
Figure 21. PCB Layout Guidance
Output Capacitor
Table 4 suggests 0402 capacitors. 0603 capacitors may
further improve performance in that the effective capacitance
is higher. This improves the transient response and output
ripple as shown in Table 3.
Increasing COUT has no effect on loop stability and can
therefore be increased to reduce output voltage ripple or to
improve transient response. Output voltage ripple, ∆VOUT, is:
⎟⎟
⎜⎜
+
Δ
=
Δ
ESR
f
C
8
1
I
V
SW
OUT
OUT
(5)
Input Capacitor
The 2.2
μF ceramic input capacitor should be placed as close
as possible between the VIN pin and GND to minimize the
parasitic inductance. If a long wire is used to bring power to
the IC, additional “bulk” capacitance (electrolytic or tantalum)
should be placed between CIN and the power source lead to
reduce ringing that can occur between the inductance of the
power source leads and CIN.
The effective capacitance value decreases as VIN increases
due to DC Bias effects. This has no significant impact on
regulator performance.
Table 3. Effects of Changes in Inductor Value (from Recommended Value) on Regulator Performance
Inductor Value
IMAX(LOAD)
ILIM(PK)
∆VOUT
(5)
Transient Response
Increase
Increase
Decrease
Decrease
Degraded
Decrease
Decrease
Increase
Increase
Improved
Table 4. Recommended Passive Components and Their Variation Due to DC Bias
Component
Description
Vendor
Min.
Typ.
Max.
Comment
L1
2.2
μH, 2520, 100mΩ,1.3A
FDK MIPF2520D
1.5
μH2.2μH
Minimum value occurs
at maximum current
2.2
μH, 2520, 80mΩ,1.3A
Hitachi Metal:KSLI -
252010AG-2R2
Murata: LQM31PN2RM00L
TOKO: MDT2520CN2R2M
COUT
4.7
μF, X5R, 0402
Murata or Equivalent
GRM155R60G475M
GRM155R60E475ME760
1.6
μF 4.7μF 5.2μF
Decrease primarily due
to DC bias (VOUT)
CIN
2.2
μF, X5R, 0402
Murata or Equivalent
GRM155R60J225ME15
GRM188R60J225KE19D
1.0
μF 2.2μF 2.4μF
Decrease primarily due
to DC bias (VIN) and
elevated temperature


Número de pieza similar - FAN5358S713X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5358S713X FAIRCHILD-FAN5358S713X Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
More results

Descripción similar - FAN5358S713X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5358 FAIRCHILD-FAN5358_10 Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Enpirion, Inc.
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
   500mA Synchronous Buck Regulator with Integrated Inductor
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225_08 Datasheet
360Kb / 15P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
MIC2225 MICREL-MIC2225 Datasheet
357Kb / 14P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com