Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6754 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN6754
Descripción Electrónicos  Highly Integrated Green-Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6754 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN6754 Datasheet HTML 1Page - Fairchild Semiconductor FAN6754 Datasheet HTML 2Page - Fairchild Semiconductor FAN6754 Datasheet HTML 3Page - Fairchild Semiconductor FAN6754 Datasheet HTML 4Page - Fairchild Semiconductor FAN6754 Datasheet HTML 5Page - Fairchild Semiconductor FAN6754 Datasheet HTML 6Page - Fairchild Semiconductor FAN6754 Datasheet HTML 7Page - Fairchild Semiconductor FAN6754 Datasheet HTML 8Page - Fairchild Semiconductor FAN6754 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2009
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6754 • Rev. 1.0.0
FAN6754
Highly Integrated Green-Mode PWM Controller
Brownout and Constant Power Limited by HV Pin
Features
High-Voltage Startup
AC Input Brownout Protection with Hysteresis
Low Operating Current: 1.7mA
Linearly Decreasing PWM Frequency to 22KHz
Frequency Hopping to Reduce EMI Emission
Fixed PWM Frequency: 65KHz
Peak-Current-Mode Control
Cycle-by-Cycle Current Limiting
Leading-Edge Blanking (LEB)
Internal Open-Loop Protection
GATE Output Maximum Voltage Clamp: 13V
VDD Under-Voltage Lockout (UVLO)
VDD Over-Voltage Protection (OVP)
Programmable Over-Temperature Protection (OTP)
Internal Latch Circuit (OVP, OTP)
Open-Loop Protection (OLP); Restart for MR, Latch
for ML
Built-in 8ms Soft-Start Function
Constant Power Limit (Full AC Input Range)
Internal OTP Sensor with Hysteresis
Applications
General-purpose switch-mode power supplies and
flyback power converters, including:
Power Adapters
Description
The highly integrated FAN6754 PWM controller
provides several features to enhance the performance
of flyback converters. To minimize standby power
consumption,
a
proprietary
green-mode
function
provides off-time modulation to continuously decrease
the switching frequency under light-load conditions.
Under
zero-load
and
very light-load
conditions,
FAN6754 saves PWM pulses by entering deep burst
mode. This burst mode function enables the power
supply to meet international power conservation
requirements.
FAN6754 integrates a frequency-hopping function
internally to reduce EMI emission of a power supply
with minimum line filters. Built-in synchronized slope
compensation is accomplished by, proprietary internal
compensation for constant output power limit over
universal AC input range. Also, the gate output is
clamped at 13V to protect the external MOSFET from
over-voltage damage.
Other protection functions include AC input brownout
protection with hysteresis and VDD over-voltage
protection. For over-temperature protection, an external
NTC thermistor can be applied to sense the external
switcher’s temperature. When VDD OVP or OTP are
activated, an internal latch circuit is used to latch-off the
controller. The latch mode is reset when the VDD supply
is removed.
FAN6754 is available in an 8-pin SOP package.
Ordering Information
Part Number
Operating
Temperature Range
Eco
Status
Package
Packing Method
FAN6754MRMY
-40 to +105°C
RoHS
8-Pin, Small Outline Package (SOP)
Tape & Reel
FAN6754MLMY
-40 to +105°C
RoHS
8-Pin, Small Outline Package (SOP)
Tape & Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Número de pieza similar - FAN6754

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6754 FAIRCHILD-FAN6754 Datasheet
813Kb / 14P
   Highly Integrated Green- Mode PWM Controller
FAN6754 FAIRCHILD-FAN6754 Datasheet
804Kb / 14P
   Highly Integrated Green- Mode PWM Controller
FAN6754A FAIRCHILD-FAN6754A Datasheet
470Kb / 9P
   Design Guideline to Replace SG6742 with FAN6754A
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
FAN6754MLMY FAIRCHILD-FAN6754MLMY Datasheet
813Kb / 14P
   Highly Integrated Green- Mode PWM Controller
More results

Descripción similar - FAN6754

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com