Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6791 Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FAN6791
Descripción Electrónicos  Highly Integrated, Dual-PWM Combination Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6791 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN6791 Datasheet HTML 3Page - Fairchild Semiconductor FAN6791 Datasheet HTML 4Page - Fairchild Semiconductor FAN6791 Datasheet HTML 5Page - Fairchild Semiconductor FAN6791 Datasheet HTML 6Page - Fairchild Semiconductor FAN6791 Datasheet HTML 7Page - Fairchild Semiconductor FAN6791 Datasheet HTML 8Page - Fairchild Semiconductor FAN6791 Datasheet HTML 9Page - Fairchild Semiconductor FAN6791 Datasheet HTML 10Page - Fairchild Semiconductor FAN6791 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6791 / FAN6793 • Rev. 1.0.2
7
Electrical Characteristics
VDD=18V; RI=24kΩ;TA =25°C, unless noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD Section
VDD-OP
Continuously Operating Voltage
22
V
IDD ST
Startup Current
VDD – 0.16V
10
50
μA
IDD-OP1
Operating Current 1
VDD=15V, GATE Open
6
10
mA
IDD-OP2
Operating Current 2
VDD=15V, GATE Open,
IREF=10mA
16
20
mA
VTH-ON
Start Threshold Voltage
15
16
17
V
VTH-OFF
Minimum Operating Voltage
9
10
11
V
VTH-OLP
IDD-OLP Off Voltage
6.5
7.5
8.0
V
ITH-OLP
Internal Sink Current
VTH-OLP +0.1V
70
80
100
μA
VDD-OVP
VDD Over-voltage Protection
(Turn Off PWM with Delay)
23.4
24.5
25.5
V
tOVP
VDD Over-Voltage Protection
Debounce
VDD-OVP=26V
80
100
120
μs
HV
ID
Maximum Input Current
VAC=90V(VDC=120V),
VDD=10µF
1.5
2.5
3.5
mA
IHV-CS
Internal Current Source
HV=500V,VDD=15V
10
50
μA
Oscillator and Green-Mode Operation
VRI
RI Voltage
1.176
1.200
1.224
V
Center Frequency,
RI=24kΩ
62
65
68
fOSC
Normal PWM Frequency
Jitter Range
±3.7
±4.2
±4.7
kHz
fOSC-G-MIN
Minimum Frequency in Green
Mode
RI=24kΩ
18
20
22
kHz
RI
RI Range
12
24
47
kΩ
RIOPEN
RI Pin Open Protection
If RI > RIOPEN, PWM
Turned Off
1
MΩ
RISHORT
RI Pin Short Protection
If RI > RISHORT, PWM
Turned Off
6
kΩ
VRMS for AC Brownout Protection
VRMS-OFF
Off Threshold Voltage for AC
Brownout Protection
0.75
0.80
0.85
V
VRMS-ON
Start Threshold Voltage for AC
Brownout Protection
VRMS-UVP-1
+0.17
VRMS-UVP-1
+0.19
VRMS-UVP-1
+0.21
V
tRMS
AC Brownout Protection
Debounce Time
RI=24kΩ
150
195
240
ms
VREF
VREF
Reference Voltage
IREF=1mA, CREF=0.1µF
4.75
5.00
5.25
V
VREF1
Load Regulation of Reference
Voltage
CREF=0.1µF,
IREF=1mA to 10mA
80
mV
VREF2
Line Regulation of Reference
Voltage
CREF=0.1µF,
VDD=12V to 22V
25
mV
IREF_MAX
Maximum Current
10
15
mA
IOS
Output Short Circuit
15
20
25
mA


Número de pieza similar - FAN6791

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6747 FAIRCHILD-FAN6747 Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6747 FAIRCHILD-FAN6747 Datasheet
427Kb / 12P
   Control a Flyback Power Supply with Peak Current Output
FAN6747LMY FAIRCHILD-FAN6747LMY Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6751 FAIRCHILD-FAN6751 Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
FAN6751HLMY FAIRCHILD-FAN6751HLMY Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
More results

Descripción similar - FAN6791

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
AN-6083 FAIRCHILD-AN-6083 Datasheet
349Kb / 9P
   Highly Integrated, Dual-PWM Combination Controller
logo
ON Semiconductor
NCP1565 ONSEMI-NCP1565_16 Datasheet
994Kb / 31P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
January, 2016 ??Rev. 4
NCP1566 ONSEMI-NCP1566 Datasheet
2Mb / 38P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
July, 2019 ??Rev. 4
NCP1565 ONSEMI-NCP1565 Datasheet
113Kb / 2P
   PWM Controller, Highly Integrated Dual-Mode Active Clamp
9/17/2014
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com