Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6793 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FAN6793
Descripción Electrónicos  Highly Integrated, Dual-PWM Combination Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6793 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN6793 Datasheet HTML 2Page - Fairchild Semiconductor FAN6793 Datasheet HTML 3Page - Fairchild Semiconductor FAN6793 Datasheet HTML 4Page - Fairchild Semiconductor FAN6793 Datasheet HTML 5Page - Fairchild Semiconductor FAN6793 Datasheet HTML 6Page - Fairchild Semiconductor FAN6793 Datasheet HTML 7Page - Fairchild Semiconductor FAN6793 Datasheet HTML 8Page - Fairchild Semiconductor FAN6793 Datasheet HTML 9Page - Fairchild Semiconductor FAN6793 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6791 / FAN6793 • Rev. 1.0.2
6
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only. All voltage values, except differential voltage, are given with
respect to GND pin. Stresses beyond those listed under “absolute maximum ratings “may cause permanent damage
to the device.
Symbol
Parameter
Min.
Max.
Unit
VDD
DC Supply Voltage
27
V
VHV
Input Voltage to HV Pin
500
V
VHIGH
OPWM, OFYB, ON/OFF
-0.3
27.0
V
VLOW
Others
-0.3
7.0
V
PD
Power Dissipation (TA < 50°C)
800
°C/W
TJ
Operating Junction Temperature
-40
+125
°C
TSTG
Storage Temperature Range
-55
+150
°C
RΘ j-a
Thermal Resistance (Junction-to-Case)
82.5
°C/W
TL
Lead Temperature (Wave Soldering, 10 Seconds)
+260
°C
Human Body Model , JEDEC:JESD22-A114
(All Pins Except HV Pin)
3.5
ESD
Charged Device Model , JEDEC:JESD22-C101
(All Pins Except HV Pin)
1.5
kV
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
TA
Operating Ambient Temperature
-40
+105
°C


Número de pieza similar - FAN6793

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6747 FAIRCHILD-FAN6747 Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6747 FAIRCHILD-FAN6747 Datasheet
427Kb / 12P
   Control a Flyback Power Supply with Peak Current Output
FAN6747LMY FAIRCHILD-FAN6747LMY Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6751 FAIRCHILD-FAN6751 Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
FAN6751HLMY FAIRCHILD-FAN6751HLMY Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
More results

Descripción similar - FAN6793

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
AN-6083 FAIRCHILD-AN-6083 Datasheet
349Kb / 9P
   Highly Integrated, Dual-PWM Combination Controller
logo
ON Semiconductor
NCP1565 ONSEMI-NCP1565_16 Datasheet
994Kb / 31P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
January, 2016 ??Rev. 4
NCP1566 ONSEMI-NCP1566 Datasheet
2Mb / 38P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
July, 2019 ??Rev. 4
NCP1565 ONSEMI-NCP1565 Datasheet
113Kb / 2P
   PWM Controller, Highly Integrated Dual-Mode Active Clamp
9/17/2014
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com