Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST16C650A Datasheet(PDF) 5 Page - Exar Corporation

No. de pieza ST16C650A
Descripción Electrónicos  2.90V TO 5.5V UART WITH 32-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C650A Datasheet(HTML) 5 Page - Exar Corporation

  ST16C650A Datasheet HTML 1Page - Exar Corporation ST16C650A Datasheet HTML 2Page - Exar Corporation ST16C650A Datasheet HTML 3Page - Exar Corporation ST16C650A Datasheet HTML 4Page - Exar Corporation ST16C650A Datasheet HTML 5Page - Exar Corporation ST16C650A Datasheet HTML 6Page - Exar Corporation ST16C650A Datasheet HTML 7Page - Exar Corporation ST16C650A Datasheet HTML 8Page - Exar Corporation ST16C650A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
ST16C650A
5
REV. 5.0.2
2.90V TO 5.5V UART WITH 32-BYTE FIFO
LPT2#
26
22
O
Line Printer Port-2 Decode Logic Output (active low)
This pin functions as the PC standard LPT-2 printer port address decode logic
output, see
Table 1.
MODEM OR SERIAL I/O INTERFACE
TX
13
8
O
Transmit Data or wireless infrared transmit data
This output is active low in normal standard serial interface operation (RS-232,
RS-422 or RS-485) and active high in the infrared mode.
RX
11
7
I
Receive Data or wireless infrared receive data
Normal received data input idles at logic 1 condition and logic 0 in the infrared
mode. The wireless infrared pulses are applied to the decoder. This input must be
connected to its idle logic state in either normal, logic 1, or infrared mode, logic 0,
else the receiver may report “receive break” and/or “error” condition(s).
RTS#
36
32
O
Request to Send or general purpose output (active low)
This port may be used for one of two functions:
1) automatic hardware flow control, see EFR bit-6, MCR bit-1and IER bit-6.
2) RS485 half-duplex direction control, see XFR bits 2 and 5.
RTS# output must be asserted before auto RTS flow control can start.
CTS#
40
38
I
Clear to Send or general purpose input (active low)
If used for automatic hardware flow control, data transmission will be stopped
when this pin is de-asserted and will resume when this pin is asserted again. See
EFR bit-7 and IER bit-7.
DTR#
37
33
O
Data Terminal Ready or general purpose output (active low)
DSR#
41
39
I
Data Set Ready input or general purpose input (active low)
CD#
42
40
I
Carrier Detect input or general purpose input (active low)
RI#
43
41
I
Ring Indicator input or general purpose input (active low)
ANCILLARY SIGNALS
XTAL1
18
14
I
Crystal or external clock input. Caution: this input is not 5V tolerant.
XTAL2
19
15
O
Crystal or buffered clock output
RCLK
10
5
I
Receiver Clock
This input is used as external 16X clock input to the receiver section. Connect the
BAUDOUT# pin to this input externally.
BAUDOUT#
17
12
O
Baud Rate Generator Output (active low)
This pin provides the 16X clock of the selected data rate from the baud rate gener-
ator. The RCLK pin must be connected externally to BAUDOUT# when the
receiver is operating at the same data rate.
When the PC mode is selected, the baud rate generator clock output is internally
connected to the RCLK input. This pin then functions as the LPT-1 printer port
decode logic output, see
Table 3.
SEL
34
36
I
PC Mode Select (active low)
When this input is at logic 0, it enables the on-board chip select decode function
according to PC ISA bus COM[4:1] and IRQ[4:3] port definitions. See
Table 3 for
details. This pin has an internal 100k
Ω pull-up resistor.
NAME
44-
PLCC
PIN #
48-
TQFP
PIN #
TYPE
DESCRIPTION


Número de pieza similar - ST16C650A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST16C650A EXAR-ST16C650A Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A EXAR-ST16C650A Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650ACJ44 EXAR-ST16C650ACJ44 Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650ACJ44 EXAR-ST16C650ACJ44 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650ACP40 EXAR-ST16C650ACP40 Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
More results

Descripción similar - ST16C650A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST16C650A EXAR-ST16C650A Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A_0508 EXAR-ST16C650A_0508 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com