Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCA35N60 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FCA35N60
Descripción Electrónicos  600V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCA35N60 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FCA35N60 Datasheet HTML 1Page - Fairchild Semiconductor FCA35N60 Datasheet HTML 2Page - Fairchild Semiconductor FCA35N60 Datasheet HTML 3Page - Fairchild Semiconductor FCA35N60 Datasheet HTML 4Page - Fairchild Semiconductor FCA35N60 Datasheet HTML 5Page - Fairchild Semiconductor FCA35N60 Datasheet HTML 6Page - Fairchild Semiconductor FCA35N60 Datasheet HTML 7Page - Fairchild Semiconductor FCA35N60 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
March 2009
©2009 Fairchild Semiconductor Corporation
FCA35N60 Rev. A
www.fairchildsemi.com
1
SuperFET
TM
FCA35N60
600V N-Channel MOSFET
Features
• 650V @ TJ = 150°C
•Typ.RDS(on) = 0.079Ω
• Ultra low gate charge ( Typ. Qg = 139nC )
• Low effective output capacitance ( Typ. Coss.eff = 340pF )
• 100% avalanche tested
Description
SuperFETTM is Farichild’s proprietary, new generation of high
voltage MOSFET family that is utilizing an advanced charge bal-
ance mechanism for outstanding low on-resistance and lower
gate charge performance.
This advanced technology has been tailored to minimize
conduction loss, provide superior switching performance, and
withstand extreme dv/dt rate and higher avalanche energy.
Consequently, SuperFET is very suitable for various AC/DC
power conversion in switching mode operation for system
miniaturization and higher efficiency.
GS
D
TO-3PN
D
G
S
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted*
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
600
V
VGSS
Gate-Soure voltage
±30
V
ID
DrainCurrent
-Continuous (TC = 25oC)
35
A
-Continuous (TC = 100oC)
22.2
IDM
Drain Current
- Pulsed
(Note 1)
105
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
1455
mJ
IAR
Avalanche Current
(Note 1)
35
A
EAR
Repetitive Avalanche Energy
(Note 1)
31.25
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
20
V/ns
PD
Power Dissipation
(TC = 25oC)
312.5
W
- Derate above 25oC2.5
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction to Case
-
0.4
oC/W
RθCS
Thermal Resistance, Case-to-Heat Sink
0.24
-
RθJA
Thermal Resistance, Junction to Ambient
-
42
*Drain current limited by maximum junction temperature


Número de pieza similar - FCA35N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FCA35N60 FAIRCHILD-FCA35N60 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FCA35N60 ISC-FCA35N60 Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FCA35N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com