Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCA47N60F Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FCA47N60F
Descripción Electrónicos  600V N-Channel MOSFET, FRFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCA47N60F Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FCA47N60F Datasheet HTML 1Page - Fairchild Semiconductor FCA47N60F Datasheet HTML 2Page - Fairchild Semiconductor FCA47N60F Datasheet HTML 3Page - Fairchild Semiconductor FCA47N60F Datasheet HTML 4Page - Fairchild Semiconductor FCA47N60F Datasheet HTML 5Page - Fairchild Semiconductor FCA47N60F Datasheet HTML 6Page - Fairchild Semiconductor FCA47N60F Datasheet HTML 7Page - Fairchild Semiconductor FCA47N60F Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2009 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FCA47N60F Rev. A
SuperFETTM
January 2009
FCA47N60F
600V N-Channel MOSFET, FRFET
Features
•650V @TJ = 150°C
•Typ. RDS(on) = 0.062Ω
• Fast Recovery Type ( trr = 240ns)
• Ultra Low Gate Charge (typ. Qg = 210nC)
• Low Effective Output Capacitance (typ. Cosseff. = 420pF)
• 100% avalanche tested
Description
SuperFETTM is, Fairchild’s proprietary, new generation of high
voltage MOSFET family that is utilizing an advanced charge
balance mechanism for outstanding low on-resistance and
lower gate charge performance.
This advanced technology has been tailored
to minimize
conduction loss, provide superior switching performance, and
withstand extreme dv/dt rate and higher avalanche energy.
Consequently, SuperFET is very suitable for various AC/DC
power conversion in switching mode operation for system
miniaturization and higher efficiency.
Absolute Maximum Ratings
Thermal Characteristics
D
G
S
GS
D
TO-3PN
FCA Series
Symbol
Parameter
FCA47N60F
Unit
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
47
29.7
A
A
IDM
Drain Current
- Pulsed
(Note 1)
141
A
VGSS
Gate-Source voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1800
mJ
IAR
Avalanche Current
(Note 1)
47
A
EAR
Repetitive Avalanche Energy
(Note 1)
41.7
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
50
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
417
3.33
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
Typ.
Max.
Unit
RθJC
Thermal Resistance, Junction-to-Case
--
0.3
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.24
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
41.7
°C/W


Número de pieza similar - FCA47N60F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FCA47N60F FAIRCHILD-FCA47N60F Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FCA47N60F-SN00171 FAIRCHILD-FCA47N60F-SN00171 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FCA47N60F FAIRCHILD-FCA47N60F_15 Datasheet
1Mb / 8P
   N-Channel SuperFET짰 FRFET짰 MOSFET
More results

Descripción similar - FCA47N60F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FCH76N60NF FAIRCHILD-FCH76N60NF Datasheet
539Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH041N60F FAIRCHILD-FCH041N60F Datasheet
339Kb / 9P
   600V N-Channel MOSFET, FRFET
FCA20N60F FAIRCHILD-FCA20N60F Datasheet
930Kb / 8P
   600V N-CHANNEL FRFET
FCB20N60F FAIRCHILD-FCB20N60F Datasheet
862Kb / 8P
   600V N-CHANNEL FRFET
FDPF6N60ZUT FAIRCHILD-FDPF6N60ZUT_12 Datasheet
291Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDPF10N60ZUT FAIRCHILD-FDPF10N60ZUT_12 Datasheet
325Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FDP6N60ZU FAIRCHILD-FDP6N60ZU Datasheet
531Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDP8N60ZU FAIRCHILD-FDP8N60ZU Datasheet
540Kb / 9P
   N-Channel MOSFET, FRFET 600V, 6.5A, 1.35廓
FDP10N60ZU FAIRCHILD-FDP10N60ZU Datasheet
559Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FDD5N50FTM FAIRCHILD-FDD5N50FTM Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com