Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP9547S8TG Datasheet(PDF) 1 Page - Stanson Technology

No. de pieza STP9547S8TG
Descripción Electrónicos  P Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANSON [Stanson Technology]
Página de inicio  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP9547S8TG Datasheet(HTML) 1 Page - Stanson Technology

  STP9547S8TG Datasheet HTML 1Page - Stanson Technology STP9547S8TG Datasheet HTML 2Page - Stanson Technology STP9547S8TG Datasheet HTML 3Page - Stanson Technology STP9547S8TG Datasheet HTML 4Page - Stanson Technology STP9547S8TG Datasheet HTML 5Page - Stanson Technology STP9547S8TG Datasheet HTML 6Page - Stanson Technology STP9547S8TG Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STP9547
P Channel Enhancement Mode MOSFET
-
6.8A
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STP9547 2007. Rev.1
1
DESCRIPTION
The STP9547 is the P-Channel logic enhancement mode power field effect transistor
is produced using high cell density, DMOS trench technology.
This high density process is especially tailored to minimize on-state resistance.
These devices are particularly suited for low voltage application such as cellular
phone and notebook computer power management and other batter powered
circuits where high-side switching.
PIN CONFIGURATION
SOP-8
PART MARKING
SOP-8
ORDERING INFORMATION
Part Number
Package
Part Marking
STP9547S8RG
SOP-8P
STP9547
STP9547S8TG
SOP-8P
STP9547
Process Code : A ~ Z ; a ~ z
STP9547S8RG
S8 : SOP-8 ; R : Tape Reel ; G : Pb – Free
STP9547S8TG
S8 : SOP-8 ; T : Tube ; G : Pb – Free
FEATURE
-40V/-5.6A, RDS(ON) = 55mΩ
@VGS = -10V
-40V/-5.2A, RDS(ON) = 80mΩ
@VGS = -4.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum DC
current capability
SOP-8 package design


Número de pieza similar - STP9547S8TG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
STP9547S8RG VBSEMI-STP9547S8RG Datasheet
921Kb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Descripción similar - STP9547S8TG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com