Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS8638 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FDS8638
Descripción Electrónicos  N-Channel PowerTrench짰 MOSFET 40 V, 18 A, 4.3 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8638 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS8638 Datasheet HTML 1Page - Fairchild Semiconductor FDS8638 Datasheet HTML 2Page - Fairchild Semiconductor FDS8638 Datasheet HTML 3Page - Fairchild Semiconductor FDS8638 Datasheet HTML 4Page - Fairchild Semiconductor FDS8638 Datasheet HTML 5Page - Fairchild Semiconductor FDS8638 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
March 2009
©2009 Fairchild Semiconductor Corporation
FDS8638 Rev.C
www.fairchildsemi.com
1
FDS8638
N-Channel PowerTrench® MOSFET
40 V, 18 A, 4.3 m
Features
Max rDS(on) = 4.3 mΩ at VGS = 10 V, ID = 18 A
Max rDS(on) = 5.4 mΩ at VGS = 4.5 V, ID = 16 A
High performance trench technology for extremely low rDS(on)
100% UIL Tested
RoHS Compliant
General Description
This
N-Channel
MOSFET
is
produced
using
Fairchild
Semiconductor’s advance Power Trench
® process that has
been especially tailored to minimize the on-state resistance and
yet maintain superior switching performance.
Applications
Synchronous Rectifier
Load Switch
SO-8
D
D
D
D
S
S
S
G
Pin 1
G
S
S
S
D
D
D
D
5
6
7
8
3
2
1
4
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
40
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous
18
A
-Pulsed
100
EAS
Single Pulse Avalanche Energy
(Note 3)
541
mJ
PD
Power Dissipation
TA = 25 °C
(Note 1a)
2.5
W
Power Dissipation
TA = 25 °C
(Note 1b)
1
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
(Note 1)
25
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDS8638
FDS8638
SO-8
13 “
12 mm
2500 units


Número de pieza similar - FDS8638

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS86106 FAIRCHILD-FDS86106 Datasheet
262Kb / 6P
   N-Channel Power Trench짰 MOSFET 100 V, 3.4 A, 105 m廓
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
FDS86141 FAIRCHILD-FDS86141 Datasheet
239Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 7 A, 23 m?
FDS86240 FAIRCHILD-FDS86240 Datasheet
244Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 7.5 A, 19.8 m廓
FDS86242 FAIRCHILD-FDS86242 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET
More results

Descripción similar - FDS8638

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDMC8327L FAIRCHILD-FDMC8327L Datasheet
400Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40 V, 14 A, 9.7 m廓
FDMC8588 FAIRCHILD-FDMC8588 Datasheet
366Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMC8588DC FAIRCHILD-FDMC8588DC Datasheet
401Kb / 8P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDS8842NZ FAIRCHILD-FDS8842NZ Datasheet
310Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 14.9 A, 7.0 m廓
FDME430NT FAIRCHILD-FDME430NT Datasheet
264Kb / 6P
   N-Channel PowerTrench짰 MOSFET 30 V, 6 A, 40 m廓
FDS86540 FAIRCHILD-FDS86540 Datasheet
262Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 18 A, 4.5 m廓
FDME820NZT FAIRCHILD-FDME820NZT Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 9 A, 18 m廓
FDS8840NZ FAIRCHILD-FDS8840NZ Datasheet
291Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 18.6 A, 4.5 m廓
FDD8647L FAIRCHILD-FDD8647L Datasheet
317Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 42 A, 9 m廓
FDMS8320L FAIRCHILD-FDMS8320L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40 V, 100 A, 1.1 m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com