Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMB139 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

No. de pieza SMB139
Descripción Electrónicos  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB139 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB139 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SMB139
© SUMMIT Microelectronics, Inc. 2005 • 757 N. Mary Avenue • Sunnyvale CA 94085 • Phone 408 523-1000 • FAX 408 523-1266
http://www.summitmicro.com/
2121 3.0 6/19/2008
1
Programmable Linear Battery Charger in 1.3 x 2.1 uCSPTM
INTRODUCTION
• World’s smallest linear charger
Linear charging for reduced board space
o
Up to 210mA charge current *
o
Stable with small ceramic capacitors
• 4.35 to 6.5V input voltage range
• Small 1.3 x 2.1 uCSPTM package (0.4mm pitch)
• High-accuracy output voltage regulation: 1%
• Low reverse leakage current
Digital programming of all major parameters via I2C
interface and lockable non-volatile memory
o
Battery voltage set point
o
Pre-charge, fast charge, termination current
o
Fast charge voltage threshold
o
Temperature limits
o
Charge safety timers
o
Automatic restart threshold
• Fault/Status indicator
• Wide range of protection features
o
Thermal regulation
o
Input/output over-voltage lockout
Applications
• Bluetooth & Stereo Headsets
• Noise Cancellation Headphones
• MP3 Players
• Wrist PDA/Watches
• Toys
• Handheld Equipment
The SMB139 is a programmable single-cell lithium-ion/lithium-polymer
battery charger for a variety of portable applications.
The device
provides a simple way to charge low-capacity Li-Ion or Li-Polymer
batteries via a USB port or an AC port. Unlike conventional devices,
the SMB139’s very small package and high level of configurability
simplify design in a wide range of handheld equipment.
Charge control includes qualification, trickle-charge, pre-charge,
constant current/constant voltage, and termination/safety settings that
are fully programmable via a serial I2C/SMBus making the device truly
a flexible solution. Pre-charge, fast charge and termination current
levels can be set via I2C commands. The Enable (EN) pin is used for
suspending or re-staring the charging process.
The SMB139 offers a wide variety of features that protect the battery
pack as well as the charger and input circuitry: over-current,
under/over-voltage and thermal protection. Ultra-precise, 1% accurate,
float voltage control improves battery capacity utilization. Status can
be monitored via the serial port for charge state and fault conditions.
In addition, one LED driver output can be used to signal charge status.
As a protection mechanism, when the junction temperature
approaches approximately 110
°C, the SMB139 will start to reduce
charge current to ensure device and system reliability, while charging
the battery cell as fast as possible.
The SMB139 is available in a space-saving 1.3mm x 2.1mm uCSP
TM
package with lead-free balls and is rated over the –30
°C to +85°C
temperature range.
Figure 1 – Applications block diagram featuring the SMB139 programmable linear battery charger.
SIMPLIFIED APPLICATIONS DRAWING
FEATURES & APPLICATIONS
* Contact factory for higher current version
4.35V to 6.5V
10V Tolerance
IN
GND
STAT
RLIM
RED
LED
OUT
THERM
EN
1-cell
Li+ Battery
SDA
BATT
VDDCAP
1
µF
2.2
µF
SCL
2.2µF
SMB139
TRICKLE
SENSE
Up to 210mA
Charge Current
Battery
OVLO
I2C Communication
(Optional)
CHGSET
Optional


Número de pieza similar - SMB139

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
SMB13 LITEON-SMB13 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB13 MIC-SMB13 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB13 LUGUANG-SMB13 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB130 LITEON-SMB130 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB130 MIC-SMB130 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - SMB139

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMB239 SUMMIT-SMB239 Datasheet
476Kb / 30P
   Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
logo
Analog Devices
ADP5061 AD-ADP5061 Datasheet
658Kb / 44P
   Tiny I2C Programmable Linear Battery Charger
REV. 0
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
    Linear Battery Charger
Rev 0; 9/08
logo
Linear Technology
LTC1734 LINER-LTC1734_15 Datasheet
193Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L_15 Datasheet
194Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734 LINER-LTC1734 Datasheet
188Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L Datasheet
184Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
LTC4068X-4.2 LINER-LTC4068X-4.2_15 Datasheet
149Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
Feeling Technology Corp...
FP8103 FEELING-FP8103 Datasheet
664Kb / 19P
   1A Linear Li-Ion Battery Charger in SOP8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com