Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FFP08D60L2 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FFP08D60L2
Descripción Electrónicos  Deuxpeed Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP08D60L2 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFP08D60L2 Datasheet HTML 1Page - Fairchild Semiconductor FFP08D60L2 Datasheet HTML 2Page - Fairchild Semiconductor FFP08D60L2 Datasheet HTML 3Page - Fairchild Semiconductor FFP08D60L2 Datasheet HTML 4Page - Fairchild Semiconductor FFP08D60L2 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tm
July 2009
©2009 Fairchild Semiconductor Corporation
FFP08D60L2 Rev. A
www.fairchildsemi.com
1
FFP08D60L2
Deuxpeed Rectifier
Features
• High Speed Switching, trr < 25ns at rating current
• High Reverse Voltage and High Reliability
• Max Forward Voltage, VF < 3.6V @25oC
• Insulated voltage, 2500V DC
Applications
• Boost diode in continuous mode power factor corrections
8A, 600V Deuxpeed Rectifier
The Deuxpeed is a high performance diode composed of two
300V dice in series and silicon nitride passivated ion-implanted
epitaxial planar construction.
This device is intended for use as boost diode in continuous
mode power factor correctors and hard switching conditions and
internal ceramic insulated package allows flexible heatsinking on
common or separate heatsink.
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VRRM
Peak Repetitive Reverse Voltage
600
V
VRWM
Working Peak Reverse Voltage
600
V
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
@ TC = 115
oC
8
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
80
A
TJ, TSTG
Operating and Storage Temperature Range
-65 to +150
oC
Symbol
Parameter
Ratings
Units
RθJC
Maximum Thermal Resistance, Junction to Case
2.0
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
F08D60L2
FFP08D60L2
TO-220
-
-
50
Insulated TO-220
1. Cathode
2. Anode
Pin Assignments


Número de pieza similar - FFP08D60L2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FFP08H60S FAIRCHILD-FFP08H60S Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
FFP08H60S FAIRCHILD-FFP08H60S Datasheet
187Kb / 5P
   Hyperfast 2 Rectifier
FFP08H60S FAIRCHILD-FFP08H60S Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
FFP08H60S FAIRCHILD-FFP08H60S Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FFP08H60STU FAIRCHILD-FFP08H60STU Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
More results

Descripción similar - FFP08D60L2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
   Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
   RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
   RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
   RECTIFIER
RH0141 SSDI-RH0141_15 Datasheet
213Kb / 2P
   RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
   RECTIFIER
RH0127 SSDI-RH0127 Datasheet
195Kb / 2P
   RECTIFIER
RH0139 SSDI-RH0139 Datasheet
224Kb / 2P
   RECTIFIER
RH0163E SSDI-RH0163E Datasheet
197Kb / 2P
   RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
   RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com