Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSBB20CH60BT Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FSBB20CH60BT
Descripción Electrónicos  Smart Power Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB20CH60BT Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSBB20CH60BT Datasheet HTML 2Page - Fairchild Semiconductor FSBB20CH60BT Datasheet HTML 3Page - Fairchild Semiconductor FSBB20CH60BT Datasheet HTML 4Page - Fairchild Semiconductor FSBB20CH60BT Datasheet HTML 5Page - Fairchild Semiconductor FSBB20CH60BT Datasheet HTML 6Page - Fairchild Semiconductor FSBB20CH60BT Datasheet HTML 7Page - Fairchild Semiconductor FSBB20CH60BT Datasheet HTML 8Page - Fairchild Semiconductor FSBB20CH60BT Datasheet HTML 9Page - Fairchild Semiconductor FSBB20CH60BT Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
www.fairchildsemi.com
FSBB20CH60CT Rev. C
Electrical Characteristics (T
J = 25°C, Unless Otherwise Specified)
Inverter Part
Note:
3. tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching time of IGBT itself under the given gate driving condition internally.
For the detailed information, please see Figure 4.
Control Part
Note:
4. Short-circuit current protection is functioning only at the low-sides.
5. The fault-out pulse width tFOD depends on the capacitance value of CFOD according to the following approximate equation : CFOD = 18.3 x 10
-6 x t
FOD[F]
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCE(SAT)
Collector-Emitter Saturation
Voltage
VCC = VBS = 15V
VIN = 5V
IC = 20A, TJ = 25°C
-
-
2.2
V
VF
FWD Forward Voltage
VIN = 0V
IF = 20A, TJ = 25°C
-
-
2.4
V
HS
tON
Switching Times
VPN = 300V, VCC = VBS = 15V
IC = 20A
VIN = 0V ↔ 5V, Inductive Load
(Note 3)
-0.80
-
μs
tC(ON)
-0.20
-
μs
tOFF
-0.35
-
μs
tC(OFF)
-0.10
-
μs
trr
-0.10
-
μs
LS
tON
VPN = 300V, VCC = VBS = 15V
IC = 20A
VIN = 0V ↔ 5V, Inductive Load
(Note 3)
-0.55
-
μs
tC(ON)
-0.35
-
μs
tOFF
-0.45
-
μs
tC(OFF)
-0.15
-
μs
trr
-0.15
-
μs
ICES
Collector-Emitter
Leakage Current
VCE = VCES
--
1
mA
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IQCCL
Quiescent VCC Supply
Current
VCC = 15V
IN(UL, VL, WL) = 0V
VCC(L) - COM
-
-
23
mA
IQCCH
VCC = 15V
IN(UH, VH, WH) = 0V
VCC(H) - COM
-
-
600
μA
IQBS
Quiescent VBS Supply
Current
VBS = 15V
IN(UH, VH, WH) = 0V
VB(U) - VS(U), VB(V) -VS(V),
VB(W) - VS(W)
-
-
500
μA
VFOH
Fault Output Voltage
VSC = 0V, VFO Circuit: 4.7kΩ to 5V Pull-up
4.5
-
-
V
VFOL
VSC = 1V, VFO Circuit: 4.7kΩ to 5V Pull-up
-
-
0.8
V
VSC(ref)
Short Circuit Trip Level
VCC = 15V (Note 4)
0.45
0.5
0.55
V
TSD
Over-temperature
protec-
tion
Temperature at LVIC
-
160
-
°C
ΔTSD
Over-temperature
protec-
tion hysterisis
Temperature at LVIC
-
5
-
°C
UVCCD
Supply Circuit Under-
Voltage Protection
Detection Level
10.7
11.9
13.0
V
UVCCR
Reset Level
11.2
12.4
13.4
V
UVBSD
Detection Level
10
11
12
V
UVBSR
Reset Level
10.5
11.5
12.5
V
tFOD
Fault-out Pulse Width
CFOD = 33nF (Note 5)
1.0
1.8
-
ms
VIN(ON)
ON Threshold Voltage
Applied between IN(UH), IN(VH), IN(WH), IN(UL),
IN(VL), IN(WL) - COM
2.8
-
-
V
VIN(OFF)
OFF Threshold Voltage
-
-
0.8
V


Número de pieza similar - FSBB20CH60BT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Etron Technology, Inc.
FSBB20CH60 ETRON-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
logo
Fairchild Semiconductor
FSBB20CH60 FAIRCHILD-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
FSBB20CH60 FAIRCHILD-FSBB20CH60 Datasheet
588Kb / 14P
   Motion SPM짰 3 Series
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
470Kb / 17P
   Smart Power Module
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
698Kb / 17P
   Smart Power Module
More results

Descripción similar - FSBB20CH60BT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com