Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM59R08A2 Datasheet(PDF) 8 Page - SyncMOS Technologies,Inc

No. de pieza SM59R08A2
Descripción Electrónicos  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNCMOS [SyncMOS Technologies,Inc]
Página de inicio  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R08A2 Datasheet(HTML) 8 Page - SyncMOS Technologies,Inc

Back Button SM59R08A2 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 12Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
8
Ver.B
SM59R16A2/SM59R08A2
06/2009
Register
Location
Reset value
Description
KBF
95h
00h
Expanded External Interrupt (EEI) interrupt flag register
S0CON
98h
00h
Serial Port 0, Control Register
S0BUF
99h
00h
Serial Port 0, Data Buffer
IEN2
9Ah
00h
Interrupt Enable Register 2
S1CON
9Bh
00h
Serial Port 1, Control Register
S1BUF
9Ch
00h
Serial Port 1, Data Buffer
S1RELL
9Dh
00h
Serial Port 1, Reload Register, low byte
P2
A0h
FFh
Port 2
PES
A1h
00h
Program Memory Page Erase Control Register
IEN0
A8h
00h
Interrupt Enable Register 0
IP0
A9h
00h
Interrupt Priority Register 0
S0RELL
AAh
D9h
Serial Port 0, Reload Register, low byte
ADCC1
ABh
00h
ADC control register 1
ADCC2
ACh
00h
ADC control register 2
ADCDH
ADh
00h
ADC high data byte
ADCDL
AEh
00h
ADC low data byte
CLKR
AFh
03h
Clock range register
P3
B0h
FFh
Port 3
PWMD2H
B1h
00h
PWM channel 2 data high byte
PWMD2L
B2h
00h
PWM channel 2 data low byte
PWMD3H
B3h
00h
PWM channel 3 data high byte
PWMD3L
B4h
00h
PWM channel 3 data low byte
PWMC
B5h
00h
PWM control register
WDTC
B6h
00h
Watchdog timer control register
WDTK
B7h
00h
Watchdog timer refresh key.
IEN1
B8h
00h
Interrupt Enable Register 1
IP1
B9h
00h
Interrupt Priority Register 1
S0RELH
BAh
03h
Serial Port 0, Reload Register, high byte
S1RELH
BBh
03h
Serial Port 1, Reload Register, high byte
PWMD0H
BCh
00h
PWM channel 0 data high byte
PWMD0L
BDh
00h
PWM channel 0 data low byte
PWMD1H
BEh
00h
PWM channel 1 data high byte
PWMD1L
BFh
00h
PWM channel 1 data low byte
IRCON
C0h
00h
Interrupt Request Control Register
CCEN
C1h
00h
Compare/Capture Enable Register
CCL1
C2h
00h
Compare/Capture Register 1, low byte
CCH1
C3h
00h
Compare/Capture Register 1, high byte
CCL2
C4h
00h
Compare/Capture Register 2, low byte


Número de pieza similar - SM59R08A2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SyncMOS Technologies,In...
SM59R02G1 SYNCMOS-SM59R02G1 Datasheet
786Kb / 57P
   Instruction-set compatible with MCS-51
More results

Descripción similar - SM59R08A2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com