Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1073 Datasheet(PDF) 3 Page - Transcom, Inc.

No. de pieza TC1073
Descripción Electrónicos  9.2 - 10.2 GHz 26 dBm MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCOM [Transcom, Inc.]
Página de inicio  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1073 Datasheet(HTML) 3 Page - Transcom, Inc.

  TC1073 Datasheet HTML 1Page - Transcom, Inc. TC1073 Datasheet HTML 2Page - Transcom, Inc. TC1073 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TC1073
PRE4_20070215
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P3 / 3
ASSEMBLY DIAGRAM
* Note: Using 1mil Au Wire


Número de pieza similar - TC1073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1073 MICROCHIP-TC1073 Datasheet
727Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1073 MICROCHIP-TC1073 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1073-1.8VCH713 MICROCHIP-TC1073-1.8VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1073-2.5VCH713 MICROCHIP-TC1073-2.5VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
More results

Descripción similar - TC1073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcom, Inc.
TC1076 TRANSCOM-TC1076 Datasheet
100Kb / 3P
   9.2 - 10.2 GHz 39 dBm MMIC
logo
M/A-COM Technology Solu...
MAOC-009871 MA-COM-MAOC-009871 Datasheet
263Kb / 6P
   Voltage Controlled Oscillator 9.2 - 10.2 GHz Divide-by-Two Output
logo
Transcom, Inc.
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
   2 - 20 GHz 20 dBm MMIC
TC1953A TRANSCOM-TC1953A Datasheet
74Kb / 3P
   13.75 - 14.5 GHz 21 dBm MMIC
TM008-055-07-26 TRANSCOM-TM008-055-07-26 Datasheet
25Kb / 1P
   0.8 - 5.5 GHz 26 dBm Gain Module
TM060-180-09-26 TRANSCOM-TM060-180-09-26 Datasheet
23Kb / 1P
   6-18 GHz 26 dBm Gain Module
logo
Hittite Microwave Corpo...
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
logo
Excelics Semiconductor,...
EMA406C EXCELICS-EMA406C Datasheet
149Kb / 4P
   26 - 32 GHz Low Noise MMIC
logo
Marki Microwave
MFB-2025 MARKIMICROWAVE-MFB-2025 Datasheet
356Kb / 7P
   Passive MMIC 16-26 GHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com