Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFSW35105-50 Datasheet(PDF) 7 Page - SYNERGY MICROWAVE CORPORATION

No. de pieza LFSW35105-50
Descripción Electrónicos  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Página de inicio  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

LFSW35105-50 Datasheet(HTML) 7 Page - SYNERGY MICROWAVE CORPORATION

  LFSW35105-50 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION LFSW35105-50 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION LFSW35105-50 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION LFSW35105-50 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION LFSW35105-50 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION LFSW35105-50 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION LFSW35105-50 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: LFSW35105-50
350 - 1050 MHz
WIDE BANDWIDTH
REFERENCE SIDEBAND SUPPRESSION
Ref 17 dBm
Att 45 dB
*
*
A
RBW 1 kHz
VBW 1 kHz
SWT 25 s
Center 1.05 GHz
Span 25 MHz
2.5 MHz/
1 AP
VIEW
PRN
*
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1 ]
11.11 dBm
1.050000000 GHz
2
Delta 2 [T1 ]
-82.82 dB
-10.000000000 MHz
3
Delta 3 [T1 ]
-85.93 dB
10.000000000 MHz
Date:
18.JUL.2006 16:17:47


Número de pieza similar - LFSW35105-50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-20 SYNERGY-LFSW35105-20 Datasheet
651Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results

Descripción similar - LFSW35105-50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com