Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFSW35105-100 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

No. de pieza LFSW35105-100
Descripción Electrónicos  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Página de inicio  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

LFSW35105-100 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  LFSW35105-100 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION LFSW35105-100 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION LFSW35105-100 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION LFSW35105-100 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION LFSW35105-100 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION LFSW35105-100 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION LFSW35105-100 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: LFSW35105-100
350 - 1050 MHz
WIDE BANDWIDTH
HARMONIC SUPPRESSION
REFERENCE SIDEBAND SUPPRESSION
Ref 17 dBm
Att 45 dB
*
*
A
RBW 1 MHz
VBW 30 kHz
SWT 50 ms
Center 975 MHz
Span 1.45 GHz
145 MHz/
1 AP
VIEW
PRN
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1 ]
15.69 dBm
350.000000000 MHz
2
Delta 2 [T1 ]
-15.56 dB
350.801282051 MHz
3
Delta 3 [T1 ]
-14.89 dB
699.358974359 MHz
4
Delta 4 [T1 ]
-34.04 dB
1.050240385 GHz
Date:
18.JUL.2006 18:32:31
Ref 17 dBm
Att 45 dB
*
*
A
RBW 2 kHz
VBW 50 Hz
SWT 30 s
Center 350 MHz
Span 3 MHz
300 kHz/
1 AP
VIEW
PRN
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1 ]
15.46 dBm
350.000000000 MHz
2
Delta 2 [T1 ]
-91.26 dB
-1.000000000 MHz
3
Delta 3 [T1 ]
-92.01 dB
1.000000000 MHz
Date:
18.JUL.2006 18:15:00


Número de pieza similar - LFSW35105-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
LFSW35105-20 SYNERGY-LFSW35105-20 Datasheet
651Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-50 SYNERGY-LFSW35105-50 Datasheet
469Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results

Descripción similar - LFSW35105-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com