Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS8427-CSZR Datasheet(PDF) 7 Page - Cirrus Logic

No. de pieza CS8427-CSZR
Descripción Electrónicos  96 kHz Digital Audio Interface Transceiver
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZR Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS8427-CSZR Datasheet HTML 3Page - Cirrus Logic CS8427-CSZR Datasheet HTML 4Page - Cirrus Logic CS8427-CSZR Datasheet HTML 5Page - Cirrus Logic CS8427-CSZR Datasheet HTML 6Page - Cirrus Logic CS8427-CSZR Datasheet HTML 7Page - Cirrus Logic CS8427-CSZR Datasheet HTML 8Page - Cirrus Logic CS8427-CSZR Datasheet HTML 9Page - Cirrus Logic CS8427-CSZR Datasheet HTML 10Page - Cirrus Logic CS8427-CSZR Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
CS8427
DS477F4
7
SWITCHING CHARACTERISTICS
Inputs: Logic 0 = 0 V, Logic 1 = VL+; CL = 20 pF.
Notes: 6. Cycle-to-cycle locking to RXP/RXN using 32 to 96 kHz external PLL filter components.
7. PLL is bypassed (RXD1:0 bits in the Clock Source Control register set to 10b), clock is input to the
RMCK pin.
Parameter
Symbol
Min
Typ
Max
Units
RST pin Low Pulse Width
200
-
-
μs
OMCK Frequency for OMCK = 512 * Fso
4.1
-
55.3
MHz
OMCK Low and High Width for OMCK = 512 * Fso
7.2
-
-
ns
OMCK Frequency for OMCK = 384 * Fso
3.1
-
41.5
MHz
OMCK Low and High Width for OMCK = 384 * Fso
10.8
-
-
ns
OMCK Frequency for OMCK = 256 * Fso
2.0
-
27.7
MHz
OMCK Low and High Width for OMCK = 256 * Fso
14.4
-
-
ns
PLL Clock Recovery Sample Rate Range
8.0
-
108.0
kHz
RMCK output jitter
(Note 6)
-
200
-
ps RMS
RMCK output duty cycle
40
50
60
%
RMCK Input Frequency
(Note 7)
1.8
-
27.7
MHz
RMCK Input Low and High Width
(Note 7)
14.4
-
-
ns
AES3 Transmitter Output Jitter
-
-
1
ns


Número de pieza similar - CS8427-CSZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS8427-CSZR CIRRUS-CS8427-CSZR Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
More results

Descripción similar - CS8427-CSZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
   96 kHz Digital Audio Interface Receiver
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
   96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com