Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC048A240T030FP Datasheet(PDF) 9 Page - Vicor Corporation

No. de pieza BC048A240T030FP
Descripción Electrónicos  BCM??Bus Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC048A240T030FP Datasheet(HTML) 9 Page - Vicor Corporation

Back Button BC048A240T030FP Datasheet HTML 3Page - Vicor Corporation BC048A240T030FP Datasheet HTML 4Page - Vicor Corporation BC048A240T030FP Datasheet HTML 5Page - Vicor Corporation BC048A240T030FP Datasheet HTML 6Page - Vicor Corporation BC048A240T030FP Datasheet HTML 7Page - Vicor Corporation BC048A240T030FP Datasheet HTML 8Page - Vicor Corporation BC048A240T030FP Datasheet HTML 9Page - Vicor Corporation BC048A240T030FP Datasheet HTML 10Page - Vicor Corporation BC048A240T030FP Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Bus Converter Module
BC048A240T030FP
vicorpower.com
Rev. 1.0
Page 9 of 11
BEHAVIORAL MODELS
LIN = 5 nH
+
+
VOUT
COUT
VIN
VI
K
+
+
CIN
IOUT
RCOUT
IQ
ROUT
RCIN
1.9 µF
1.3 mΩ
83 mA
1/2 • Iout
1/2 • Vin
11.13 mΩ
43.6 mΩ
1mΩ
7.7 µF
Lout = 1.11 nH
IQ
+
+
VOUT
VIN
VI
K
+
+
IOUT
ROUT
VI BRICK Bus Converter Level 1 DC Behavioral Model for 48 V to 24 V, 300 W
VI BRICK Bus Converter Level 2 Transient Behavioral Model for 48 V to 24 V, 300 W
Figure 16 — This model characterizes the DC operation of the VI BRICK bus converter, including the converter transfer function and its losses. The model
enables estimates or simulations of output voltage as a function of input voltage and output load, as well as total converter power dissipation or heat gen-
eration.
Figure 17 — This model characterizes the AC operation of the VI BRICK bus converter including response to output load or input voltage transients or
steady state modulations. The model enables estimates or simulations of input and output voltages under transient conditions, including response to a
stepped load with or without external filtering elements.
©
©
83 mA
1/2 • Iout
1/2 • Vin
43.6 mΩ
3.44 nH
IQ
+
+
VOUT
VIN
VI
K
+
+
IOUT
ROUT


Número de pieza similar - BC048A240T030FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BC048A240T030FP VICOR-BC048A240T030FP Datasheet
244Kb / 2P
   BCM??Bus Converter
More results

Descripción similar - BC048A240T030FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com